Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 4 Page - Analog Devices

  LTC3336ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3336
4
Rev. A
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT Pull-Down Resistor
in Shutdown
EN = 0V
10
kΩ
VOUT Pull-Down Resistor in VOUT
Overvoltage Condition
1
MΩ
VOUT Overvoltage Detection Threshold
as Percentage of Output Setting
5
%
IPEAK (Inductor Peak Current)
10mA IPEAK Setting, ISW Rising
8.7
10
13
mA
30mA IPEAK Setting, ISW Rising
26
30
39
mA
100mA IPEAK Setting, ISW Rising
87
100
130
mA
300mA IPEAK Setting, ISW Rising
260
300
390
mA
IVALLEY (Inductor Valley Current)
10mA IPEAK Setting, ISW Falling
9
mA
30mA IPEAK Setting, ISW Falling
27
mA
100mA IPEAK Setting, ISW Falling
90
mA
300mA IPEAK Setting, ISW Falling
270
mA
Deliverable Output Current
10mA IPEAK Setting
l
8.3
mA
30mA IPEAK Setting
l
25
mA
100mA IPEAK Setting
l
83
mA
300mA IPEAK Setting
l
250
mA
IZERO
Inductor Current Going into Sleep, as a
Percentage of IPEAK
17
%
P-Channel MOSFET Switch
On-Resistance
10mA IPEAK Setting
16
Ω
30mA IPEAK Setting
5.3
Ω
100mA IPEAK Setting
1.6
Ω
300mA IPEAK Setting
0.53
Ω
N-Channel MOSFET Switch
On-Resistance
10mA IPEAK Setting, 5V VOUT Setting
9.6
Ω
30mA IPEAK Setting, 5V VOUT Setting
3.2
Ω
100mA IPEAK Setting, 5V VOUT Setting
0.96
Ω
300mA IPEAK Setting, 5V VOUT Setting
0.32
Ω
P-Channel MOSFET Switch Leakage
0
15
nA
N-Channel MOSFET Switch Leakage
0
15
nA
INTVCC Voltage
VOUT Settings < 2.4V, 0 ≤ I(INTVCC) ≤ 10µA
1.9
2
2.2
V
VOUT Settings ≥ 2.4V, 0 ≤ I(INTVCC) ≤ 10µA
VOUT
V
VUVLO Undervoltage Lockout
VIN Rising
1.95
2.2
V
VIN Falling
1.5
1.75
V
VIH Digital Input High Voltage
Pins EN, IPK[1:0]
INTVCC – 0.15V
V
Pins OUT[3:0]
VOUT – 0.15V
V
VIL Digital Input Low Voltage
Pins EN, IPK[1:0], OUT[3:0]
0.15
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 7.2V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3336 is specified over the –40°C to 125°C operating
junction temperature range. High junction temperatures degrade operating
lifetimes. Note the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: TJ is calculated from the ambient TA and power dissipation
PD according to the following formula: TJ = TA + (PD • θJA).
Note 4: Dynamic supply current is higher due to gate charge being
delivered at the switching frequency.
Note 5: The falling threshold is specified as a percentage of the average
of the measured sleep and wake-up thresholds for each selected output
voltage and the rising threshold is equal to the sleep threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com