Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3336
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Sleep and Wake-Up Thresholds
vs Temperature for 2.8V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 3.0V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 3.2V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 3.3V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 3.6V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 3.7V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 4.1V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 4.2V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 5.0V Setting
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.716
2.758
2.800
2.842
2.884
3336 G10
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.910
2.955
3.000
3.045
3.090
3336 G11
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.104
3.152
3.200
3.248
3.296
3336 G12
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.201
3.251
3.300
3.350
3.399
3336 G13
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.492
3.546
3.600
3.654
3.708
3336 G14
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.589
3.645
3.700
3.756
3.811
3336 G15
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.977
4.039
4.100
4.162
4.223
3336 G16
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
4.074
4.137
4.200
4.263
4.326
3336 G17
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
4.850
4.925
5.000
5.075
5.150
3336 G18
SLEEP
WAKE-UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com