Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 5 Page - Analog Devices

  LTC3336ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3336
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
IVIN and IVOUT vs VOUT Setting
(Sleeping, In Regulation, No Load)
IVIN vs VIN (Sleeping,
In Regulation, No Load)
Sleep and Wake-Up Thresholds
vs Temperature for 1.2V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 1.5V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 1.6V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 1.8V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 2.0V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 2.4V Setting
Sleep and Wake-Up Thresholds
vs Temperature for 2.5V Setting
IVIN
IVOUT
VIN = 15V
VOUT SETTING (V)
1.2
2.0
2.7
3.5
4.2
5.0
0
10
20
30
40
50
60
70
80
90
100
3336 G01
INTERNAL CIRCUITS
BOOTSTRAPPED FROM VOUT
VOUT SETTING = 1.2V
VOUT SETTING = 2.4V
VIN (V)
2.5
5
7.5
10
12.5
15
0
10
20
30
40
50
60
70
80
90
100
3336 G02
INTERNAL CIRCUITS
BOOTSTRAPPED FROM VOUT
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.164
1.182
1.200
1.218
1.236
3336 G03
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.455
1.478
1.500
1.522
1.545
3336 G04
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.552
1.576
1.600
1.624
1.648
3336 G05
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.746
1.773
1.800
1.827
1.854
3336 G06
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.940
1.970
2.000
2.030
2.060
3336 G07
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.328
2.364
2.400
2.436
2.472
3336 G08
SLEEP
WAKE-UP
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.425
2.462
2.500
2.538
2.575
3336 G09
SLEEP
WAKE-UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com