Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC3336
16
Rev. A
For more information www.analog.com
Figure 2. Recommended Component Placement on PCB for the
LTC3336 in LQFN Package
APPLICATIONS INFORMATION
Figure 3. Recommended Component Placement on PCB for the
LTC3336-1 or LTC3336-2 in WLCSP
application: Microcontroller Supply with Dynamic Output
Voltage Change in the Typical Applications section.
Table 4. Dynamic Operation Output Voltages with Single
Pin Tied High
PIN TIED HIGH
(DEFAULT)
VDEFAULT
(V)
DYNAMIC OUTPUT VOLTAGES AVAILABLE
WITH SINGLE PIN TIED HIGH
(V)
OUT0
1.2
1.2, 1.5, 2.4, 2.8, 3.3, 3.7, 4.1, 5.0
OUT1
1.8
1.5, 1.8, 2.0, 2.8, 3.6, 3.7, 4.2, 5.0
OUT2
2.5
2.0, 2.4, 2.5, 2.8, 3.2, 4.1, 4.2, 5.0
OUT3
3.0
3.0, 3.2, 3.3, 3.6, 3.7, 4.1, 4.2, 5.0
PCB Layout Considerations
The LTC3336 switches large currents (relative to the IQ)
at high frequencies. Special care should be given to the
PCB layout to ensure stable, noise-free operation. Figure 2
and Figure 3 depict recommended PCB layout to be uti-
lized for the LTC3336, in the QFN and WLCSP packages,
respectively. A few key guidelines follow: All circulating
high current paths should be kept as short as possible
using wide traces. In particular, capacitor ground connec-
tions should connect by vias down to the ground plane
in the shortest route possible. The bypass capacitors CIN
and COUT should be placed as close to the IC as possible.
COUT
CIN
10
9
8
7
1
2
3
4
12
11
5
6
L
LPS4018
LTC3336
TOP LAYER
BOTTOM COPPER LAYER (GROUND PLANE) CONNECTED TO GND
VIN
EN
IPK1
IPK0
OUT0
OUT1
OUT2
OUT3
GND
SEE TYPICAL APPLICATION
ON FRONT PAGE
VIAS TO GROUND PLANE COMPONENT SIZES:
CIN = 0201
COUT = 1210
3336 F02
TOP LAYER
SEE TYPICAL APPLICATION
ON FRONT PAGE
VIAS TO GROUND PLANE COMPONENT SIZES:
CIN = 0201
CINTVCC = 0201
COUT = 1210
3336 F03
BOTTOM COPPER LAYER (GROUND PLANE) CONNECTED TO GND
CINTVCC
L
LPS4018
LTC3336-2
A1
A2
A3
B1
B2
B3
C1
C2
C3
D1
D2
D3
COUT
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com