Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 129Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 130Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 131Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 132Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 133Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 134Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 135Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 136Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 160 page
background image
ST10F269
133/160
current specified in column “Test Conditions” is delivered in any cases.
2. This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float and the
voltage results from the external circuitry.
3. Partially tested, guaranteed by design characterization.
4. Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the specified
range (i.e. VOV > VDD+0.5V or VOV < -0.5V). The absolute sum of input overload currents on all port pins may not exceed 50mA. The
supply voltage must remain within the specified limits.
5. This specification is only valid during Reset, or during Hold-mode or Adapt-mode. Port 6 pins are only affected if they are used for
CS output and if their open drain function is not enabled.
6. The maximum current may be drawn while the respective signal line remains inactive.
7. The minimum current must be drawn in order to drive the respective signal line active.
8. The power supply current is a function of the operating frequency. This dependency is illustrated in the Figure 64. These
parameters are tested at VDDmax and 40MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH. The chip is
configured with a demultiplexed 16-bit bus, direct clock drive, 5 chip select lines and 2 segment address lines, EA pin is low during
reset. After reset, PORT 0 is driven with the value ‘00CCh’ that produces infinite execution of NOP instruction with 15 wait-states, R/
W delay, memory tristate wait state, normal ALE. Peripherals are not activated.
9. Idle mode supply current is a function of the operating frequency. This dependency is illustrated in the Figure 64. These
parameters are tested at VDDmax and 40MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH.
10. This parameter value includes leakage currents. With all inputs (including pins configured as inputs) at 0V to 0.1V or at
VDD – 0.1V to VDD, VREF = 0V, all outputs (including pins configured as outputs) disconnected.
11. Typical
IPD value is 5µA @ TA=25°C. and 60µA @ TA=125°C.
12. Partially tested, guaranted by design characterization using 22pF loading capacitors on crystal pins.
Figure 64 : Supply / Idle Current as a Function of Operating Frequency
I [mA]
fCPU [MHz]
10
20
100
10
ICCtyp
IIDmax
ICCmax
IIDtyp
40
30
60mA
120mA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com