Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 128Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 129Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 130Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 131Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 132Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 133Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 134Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 135Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 160 page
background image
ST10F269
132/160
Notes: 1. ST10F269 pins are equipped with low-noise output drivers which significantly improve the device’s EMI performance. These
low-noise drivers deliver their maximum current only until the respective target output level is reached. After this, the output current
is reduced. This results in increased impedance of the driver, which attenuates electrical noise from the connected PCB tracks. The
VOH
CC
Output high voltage (PORT0, PORT1, Port4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)
1
IOH = -500µA
IOH = -2.4mA
0.9 VDD
2.4
–
–
V
VOH1
CC Output high voltage (all other outputs)
1/2
IOH = – 250µA
IOH = – 1.6mA
0.9 VDD
2.4
–
–
V
V
I
OZ1
CC Input leakage current (Port 5)
0V < VIN < VDD
–
200
nA
I
OZ2
CC Input leakage current (all other)
0V < VIN < VDD
–1
µA
I
OV
SR Overload current
3/4
–5
mA
RRST
CC RSTIN pull-up resistor
3
–
50
250
k
Ω
IRWH
Read / Write inactive current
5/6
VOUT = 2.4V
–-40
µA
IRWL
Read / Write active current
5/7
VOUT = VOLmax
-500
–
µA
IALEL
ALE inactive current
5/6
VOUT = VOLmax
40
–
µA
IALEH
ALE active current
5/7
VOUT = 2.4V
–
500
µA
IP6H
Port 6 inactive current
5/6
VOUT = 2.4V
–-40
µA
IP6L
Port 6 active current
5/7
VOUT = VOL1max
-500
–
µA
IP0H
PORT0 configuration current
5/6
VIN = VIHmin
–-10
µA
IP0L
5/7
VIN = VILmax
-100
–
µA
I
IL
CC XTAL1 input current
0V < VIN < VDD
–20
µA
gm
On-chip oscillator transconductance
3
5
-
mA/V
CIO
CC Pin capacitance (digital inputs / outputs)
3/5
f = 1MHz,
TA = 25°C
–10
pF
ICC
Power supply current
8
RSTIN = VIH1
fCPU in [MHz]
–
20 + 2.5 x fCPU
mA
IID
Idle mode supply current
9
RSTIN = VIH1
fCPU in [MHz]
–
20 + fCPU
mA
IPD
Power-down mode supply current
10
VDD = 5.5V
TA = 25°C
TA = 125°C
–
_
15 11
190 11
µA
µA
IPD2
Power-down mode supply current (Real time
clock enabled, oscillator enabled)
10
12
VDD = 5.5V
TA = 55°C
fOSC = 25MHz
–
2 + fOSC / 4
mA
Symbol
Parameter
Test
Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com