Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 124Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 125Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 126Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 127Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 128Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 129Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 130Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 131Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 160 page
background image
ST10F269
128/160
EXICON (F1C0h / E0h
ESFR
Reset Value: 0000h
EXISEL (F1DAh / EDh)
ESFR
Reset Value: 0000h
XP3IC (F19Eh / CFh) 1
ESFR
Reset Value: --00h
Note: 1. XP3IC register has the same bit field as xxIC interrupt registers
15
14
13
12
11
10
9876543210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
RW
RW
RW
RW
RW
RW
RW
RW
EXIxES(x=7...0)
External Interrupt x Edge Selection Field (x=7...0)
0 0:
Fast external interrupts disabled: standard mode
EXxIN pin not taken in account for entering/exiting Power Down mode.
0 1:
Interrupt on positive edge (rising)
Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred as ‘high’ active level)
1 0:
Interrupt on negative edge (falling)
Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred as ‘low’ active level)
1 1:
Interrupt on any edge (rising or falling)
Always enter Power Down mode, exit if EXxIN level changed.
15
14
13
12
11
10
9876543210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS
EXI2SS
EXI1SS
EXI0SS
RW
RW
RW
RW
RW
RW
RW
RW
EXIxSS
External Interrupt x Source Selection (x=7...0)
‘00’:
Input from associated Port 2 pin.
‘01’:
Input from “alternate source”.
‘10’:
Input from Port 2 pin ORed with “alternate source”.
‘11’:
Input from Port 2 pin ANDed with “alternate source”.
EXIxSS
Port 2 pin
Alternate Source
0
P2.8
CAN1_RxD
1
P2.9
CAN2_RxD
2
P2.10
RTCSI
3
P2.11
RTCAI
4...7
P2.12...15
Not used (zero)
15
14
13
12
11
10
9876543210
-
-
-
-
-
-
-
-
XP3IR XP3IE
XP3ILVL
GLVL
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com