Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 122Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 123Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 124Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 125Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 126Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 127Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 128Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 129Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 160 page
background image
ST10F269
126/160
BUSCON4 (FF1Ah / 8Dh)
SFR
Reset Value: 0000h
Notes: 1. BTYP (bit 6 and 7) are set according to the configuration of the bit l6 and l7 of PORT0 latched at the end of the reset sequence.
2. BUSCON0 is initialized with 0000h, if EA pin is high during reset. If EA pin is low during reset, bit BUSACT0 and ALECTRL0 are
set (’1’) and bit field BTYP is loaded with the bus configuration selected via PORT0.
15
14
13
12
11
10
9
8
76
5
4
3210
CSWEN4
CSREN4 RDYPOL4 RDYEN4
-
BUSACT4
ALECTL4
-
BTYP
MTTC4 RWDC4
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
MCTC
Memory Cycle Time Control (Number of memory cycle time wait states)
0 0 0 0: 15 wait states (Nber = 15 - [MCTC])
. . .
1 1 1 1: No wait state
RWDCx
Read/Write Delay Control for BUSCONx
‘0’: With read/write delay: activate command 1 TCL after falling edge of ALE
‘1’: No read/write delay: activate command with falling edge of ALE
MTTCx
Memory Tristate Time Control
‘0’: 1 wait state
‘1’: No wait state
BTYP
External Bus Configuration
0 0: 8-bit Demultiplexed Bus
0 1: 8-bit Multiplexed Bus
1 0: 16-bit Demultiplexed Bus
1 1: 16-bit Multiplexed Bus
Note: For BUSCON0, BTYP bit-field is defined via PORT0 during reset.
ALECTLx
ALE Lengthening Control
‘0’: Normal ALE signal
‘1’: Lengthened ALE signal
BUSACTx
Bus Active Control
‘0’: External bus disabled
‘1’: External bus enabled (within the respective address window, see
ADDRSEL)
RDYENx
READY Input Enable
‘0’: External bus cycle is controlled by bit field MCTC only
‘1’: External bus cycle is controlled by the READY input signal
RDYPOLx
Ready Active Level Control
‘0’: Active level on the READY pin is low, bus cycle terminates with a ‘0’ on
READY pin,
‘1’: Active level on the READY pin is high, bus cycle terminates with a ‘1’ on
READY pin.
CSRENx
Read Chip Select Enable
‘0’: The CS signal is independent of the read command (RD)
‘1’: The CS signal is generated for the duration of the read command
CSWENx
Write Chip Select Enable
‘0’: The CS signal is independent of the write command (WR,WRL,WRH)
‘1’: The CS signal is generated for the duration of the write command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com