Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 121Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 122Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 123Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 124Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 125Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 126Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 127Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 128Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 160 page
background image
ST10F269
125/160
BUSCON0 (FF0Ch / 86h)
SFR
Reset Value: 0xx0h
BUSCON1 (FF14h / 8Ah)
SFR
Reset Value: 0000h
BUSCON2 (FF16h / 8Bh)
SFR
Reset Value: 0000h
BUSCON3 (FF18h / 8Ch)
SFR
Reset Value: 0000h
WRCFG
Write Configuration Control (Inverted copy of bit WRC of RP0H)
‘0’: Pins WR and BHE retain their normal function
‘1’: Pin WR acts as WRL, pin BHE acts as WRH.
CLKEN
System Clock Output Enable (CLKOUT)
‘0’: CLKOUT disabled: pin may be used for general purpose I/O
‘1’: CLKOUT enabled: pin outputs the system clock signal.
BYTDIS
Disable/Enable Control for Pin BHE (Set according to data bus width)
‘0’: Pin BHE enabled
‘1’: Pin BHE disabled, pin may be used for general purpose I/O.
ROMEN
Internal Memory Enable (Set according to pin EA during reset)
‘0’: Internal Memory disabled: accesses to the Memory area use the external bus
‘1’: Internal Memory enabled.
SGTDIS
Segmentation Disable/Enable Control
‘0’: Segmentation enabled (CSP is saved/restored during interrupt entry/exit)
‘1’: Segmentation disabled (Only IP is saved/restored).
ROMS1
Internal Memory Mapping
‘0’: Internal Memory area mapped to segment 0 (00’0000H...00’7FFFH)
‘1’: Internal Memory area mapped to segment 1 (01’0000H...01’7FFFH).
STKSZ
System Stack Size
Selects the size of the system stack (in the internal RAM) from 32 to 1024 words.
15
14
13
12
11
10
9
876
5
4
3210
CSWEN0
CSREN0 RDYPOL0 RDYEN0
-
BUS ACT0 ALE CTL0
-
BTYP
MTTC0 RWDC0
MCTC
RW
RW
RW
RW
RW2
RW2
RW1
RW
RW
RW
15
14
13
12
11
10
9
8
76
5
4
3210
CSWEN1
CSREN1 RDYPOL1 RDYEN1
-
BUSACT1
ALECTL1
-
BTYP
MTTC1 RWDC1
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9
8
76
5
4
3210
CSWEN2
CSREN2 RDYPOL2 RDYEN2
-
BUSACT2
ALECTL2
-
BTYP
MTTC2 RWDC2
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9
8
76
5
4
3210
CSWEN3
CSREN3 RDYPOL3 RDYEN3
-
BUSACT3
ALECTL3
-
BTYP
MTTC3 RWDC3
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com