Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 134Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 135Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 136Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 137Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 138Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 139Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 140Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 141Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 160 page
background image
ST10F269
138/160
21.4.4 - Prescaler Operation
When pins P0.15-13 (P0H.7-5) equal ’001’ during
reset, the CPU clock is derived from the internal
oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of
fXTAL and the high and low time of fCPU (i.e. the
duration of an individual TCL) is defined by the
period of the input clock fXTAL.
The timings listed in the AC Characteristics that
refer to TCL therefore can be calculated using the
period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register
is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the
Oscillator Watchdog. If bit OWDDIS is set, then
the PLL is switched off.
21.4.5 - Direct Drive
When pins P0.15-13 (P0H.7-5) equal ’011’ during
reset the on-chip phase locked loop is disabled
and the CPU clock is directly driven from the
internal oscillator with the input clock signal.
The
frequency
of fCPU directly follows the
frequency of fXTAL so the high and low time of fCPU
(i.e. the duration of an individual TCL) is defined
by the duty cycle of the input clock fXTAL.
Therefore, the timings given in this chapter refer to
the minimum TCL. This minimum value can be
calculated by the following formula:
For two consecutive TCLs, the deviation caused
by the duty cycle of fXTAL is compensated, so the
duration of 2TCL is always 1/fXTAL.
The minimum value TCLmin has to be used only
once for timings that require an odd number of
TCLs (1,3,...). Timings that require an even
number of TCLs (2,4,...) may use the formula:
Note:
The address float timings in Multiplexed
bus mode (t11 and t45) use the maximum
duration of TCL (TCLmax = 1/fXTAL x
DCmax) instead of TCLmin.
If the bit OWDDIS in SYSCON register is
cleared, the PLL runs on its free-running
frequency and delivers the clock signal for
the Oscillator Watchdog. If bit OWDDIS is
set, then the PLL is switched off.
21.4.6 - Oscillator Watchdog (OWD)
An on-chip watchdog oscillator is implemented in
the ST10F269. This feature is used for safety
operation with external crystal oscillator (using
direct drive mode with or without prescaler). This
watchdog oscillator operates as following :
The
reset default configuration
enables the
watchdog oscillator. It can be disabled by setting
the OWDDIS (bit 4) of SYSCON register.
When the OWD is enabled, the PLL runs at its
free-running frequency, and it increments the
watchdog
counter.
The
PLL
free-running
frequency is between 2 and 10MHz. On each
transition of external clock, the watchdog counter
is cleared. If an external clock failure occurs, then
the watchdog counter overflows (after 16 PLL
clock cycles).
The CPU clock signal will be switched to the PLL
free-running clock signal, and the oscillator
watchdog Interrupt Request (XP3INT) is flagged.
The CPU clock will not switch back to the external
clock even if a valid external clock exits on XTAL1
pin. Only a hardware reset can switch the CPU
clock source back to direct clock input.
When the OWD is disabled, the CPU clock is
always external oscillator clock and the PLL is
switched off to decrease consumption supply
current.
21.4.7 - Phase Locked Loop
For all other combinations of pins P0.15-13
(P0H.7-5) during reset the on-chip phase locked
loop is enabled and it provides the CPU clock (see
Table 34). The PLL multiplies the input frequency
by the factor F which is selected via the
combination of pins P0.15-13 (fCPU = fXTAL x F).
With every F’th transition of fXTAL the PLL circuit
synchronizes the CPU clock to the input clock.
This synchronization is done smoothly, so the
CPU clock frequency does not change abruptly.
Due to this adaptation to the input clock the
frequency of fCPU is constantly adjusted so it is
locked to fXTAL. The slight variation causes a jitter
of fCPU which also effects the duration of
individual TCLs.
The timings listed in the AC Characteristics that
refer to TCLs therefore must be calculated using
the minimum TCL that is possible under the
respective circumstances.
TCL
min
1f
⁄
XT ALl
xlDC
min
=
DC
duty cycle
=
2T CL
1 f
XT AL
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com