Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 137Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 138Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 139Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 140Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 141Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 142Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 143Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 144Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 160 page
background image
ST10F269
141/160
21.4.10 - Multiplexed Bus
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF,
ALE cycle time = 6 TCL + 2tA + tC + tF (75ns at 40MHz CPU clock without wait states).
Table 35 : Multiplexed Bus Characteristics
Symbol
Parameter
Max. CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
min.
max.
min.
max.
t5
CC
ALE high time
4 + tA
–
TCL - 8.5 + tA
–ns
t6
CC
Address setup to ALE
2 + tA
–
TCL - 10.5 + tA
–ns
t7
CC
Address hold after ALE
1
4 + tA
–
TCL - 8.5 + tA
–ns
t8
CC
ALE falling edge to RD, WR
(with RW-delay)
4 + tA
–
TCL - 8.5 + tA
–ns
t9
CC
ALE falling edge to RD, WR (no
RW-delay)
-8.5 + tA
–
-8.5 + tA
–ns
t10
CC
Address float after RD, WR
(with RW-delay)
1
–6
–
6
ns
t11
CC
Address float after RD, WR
(no RW-delay)
1
–
18.5
–
TCL + 6
ns
t12
CC
RD, WR low time
(with RW-delay)
15.5 + tC
–
2 TCL -9.5 + tC
–ns
t13
CC
RD, WR low time
(no RW-delay)
28 + tC
–
3 TCL -9.5 + tC
–ns
t14
SR
RD to valid data in
(with RW-delay)
–6 + tC
–
2 TCL - 19 + tC
ns
t15
SR
RD to valid data in
(no RW-delay)
–
18.5 + tC
–
3 TCL - 19 + tC
ns
t16
SR
ALE low to valid data in
–
18.5
+ tA + tC
–
3 TCL - 19
+ tA + tC
ns
t17
SR
Address/Unlatched CS to valid
data in
–
22 + 2tA +
tC
–
4 TCL - 28
+ 2tA + tC
ns
t18
SR
Data hold after RD
rising edge
0–
0
–
ns
t19
SR
Data float after RD
1
–
16.5 + tF
–
2 TCL - 8.5 + tF
ns
t22
CC
Data valid to WR
10 + tC
–
2 TCL -15 + tC
–ns
t23
CC
Data hold after WR
4 + tF
–
2 TCL - 8.5 + tF
–ns
t25
CC
ALE rising edge after RD, WR
15 + tF
–
2 TCL -10 + tF
–ns
t27
CC
Address/Unlatched CS hold
after RD, WR
10 + tF
–
2 TCL -15 + tF
–ns
t38
CC
ALE falling edge to Latched CS
-4 - tA
10 - tA
-4 - tA
10 - tA
ns
t39
SR
Latched CS low to Valid Data In
–
18.5 + tC +
2tA
–
3 TCL - 19
+ tC + 2tA
ns
t40
CC
Latched CS hold after RD, WR
27 + tF
–
3 TCL - 10.5 + tF
–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com