Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 12 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 12 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
12/23
5.2 Fan Auto Cleaning
When the module is in Measurement-Mode an automatic fan-cleaning procedure will be triggered periodically following
a defined cleaning interval. This will accelerate the fan to maximum speed for 10 seconds to blow out the dust
accumulated inside the fan.
• Measurement values are not updated while the fan-cleaning is running.
• The cleaning interval is set to 604’800 seconds (i.e., 168 hours or 1 week) with a tolerance of 3%.
• The interval can be configured using the Set Automatic Cleaning Interval command.
• Set the interval to 0 to disable the automatic cleaning.
• A sensor reset, resets the cleaning interval to its default value
• If the sensor is switched off, the time counter is reset to 0. Make sure to trigger a cleaning cycle at least every
week if the sensor is switched off and on periodically (e.g., once per day).
• The cleaning procedure can also be started manually with the Start Cleaning command.
5.3 Temperature compensation
By default, the temperature and humidity outputs from the sensor are compensated for the modules self-heating. If the
module is designed into a device, the temperature compensation might need to be adapted to incorporate the change in
thermal coupling and self-heating of other device components.
A guide to achieve optimal performance, including references to mechanical design-in examples can be found in the app
note “SEN5x – Temperature Compensation Instruction” at www.sensirion.com.
5.4 Measurement Output Formats
The measurement results can be read with the “Read Measured Values” command. The returned data structure depends
on the selected output format. The output format must be specified when stating the measurement with the “Start
Measurement command”.
The returned data needs to be divided by the corresponding scale factor to obtain the described unit.
Output format 1:
Byte #
Datatype
Scale factor
Description
0..1
big-endian, uint16
10
Mass Concentration PM1.0 [µg/m³]
3..4
big-endian, uint16
10
Mass Concentration PM2.5 [µg/m³]
6..7
big-endian, uint16
10
Mass Concentration PM4.0 [µg/m³]
9..10
big-endian, uint16
10
Mass Concentration PM10 [µg/m³]
12..13
big-endian, int16
100
Compensated Ambient Humidity [%RH]
15..16
big-endian, int16
200
Compensated Ambient Temperature [°C]
18..19
big-endian, int16
10
VOC Index
21..22
big-endian, int16
10
NOx Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com