Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 6 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 6 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
6/23
2.1 Temperature and Humidity Specifications
Parameter
Conditions
Value 7
Units
Compensated outputs8
-
Temperature and
Relative Humidity
°C
%RH
Typical accuracy temperature
@ 15-30 °C, 50 %RH
0.45
°C
Max. accuracy temperature
@ 15-30 °C, 50 %RH
±0.7
°C
Repeatability temperature
@ 25 °C, 50 %RH
0.1
°C
Response time temperature9
@ 25 °C, 50 %RH,
 63%
< 60
s
Typical accuracy relative humidity @ 25 °C, 30-70 %RH
4.5
%RH
Max. accuracy relative humidity
@ 25 °C, 30-70 %RH
±6
%RH
Repeatability relative humidity
@ 25 °C, 50 %RH
1
%RH
Response time relative humidity10 @ 25 °C, 50 %RH,  63%
< 20
s
Table 4: Temperature and humidity specifications.
7 For definition of typical and max. accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
8 Self-heating of the module is compensated according to the application note “SEN5x – Temperature Compensation Instruction”.
9
For a step from 15°C to 25°C
10 For a step from 75%RH to 25%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com