Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 16 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 16 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 18Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 19Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 20Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
16/23
6.1.2 Stop Measurement (0x0104)
Stops the measurement. Use this command to return to the initial state (Idle-Mode).
6.1.3 Read Data-Ready Flag (0x0202)
This command can be used for polling to find out when new measurements are available. The pointer address only must
be set once. Repeated read requests get the status of the Data-Ready Flag.
Read Data:
Byte # Description
0
unused, always 0x00
1
Data-Ready Flag
0x00: no new measurements available
0x01: new measurements ready to read
2
Checksum for bytes 0, 1
6.1.4 Read Measured Values (0x03C4)
Reads the measured values from the sensor module and resets the “Data-Ready Flag”. If the sensor module is in
Measurement-Mode, an updated measurement value is provided every second and the “Data-Ready Flag” is set. If no
synchronized readout is desired, the “Data-Ready Flag” can be ignored. The command “Read Measured Values” always
returns the latest measured values. After sending the “Read Measured Values” command, a wait time of 10 ms is needed
so that the sensor internally can fill the data buffers. After 10 ms, the read data header can be sent to read out the sensor
data.
Command
Returned data
0x
03C4
PM Mass concentration, Relative humidity, Temperature, VOC Index, NOx Index
For the data format see section 5.4 Measurement Output Formats. Note that after every two bytes, the checksum of
the previous two bytes is transferred.
Example Data Structure:
Byte #
Description
0, 1
two bytes of measurement data
2
checksum for bytes 0, 1
3, 4
two bytes of measurement data
5
checksum for bytes 3, 4
…
…
6.1.5 Read/ Write Temperature Compensation Parameters (0x60B2)
This command allows to compensate temperature effects from mechanical integration at customer side by applying a
custom temperature offset to the ambient temperature. The additional slope applies an additional shape to the
temperature and humidity output curve. The specified time constant defines how fast slope and offset are applied.
Read/Write Data:
Byte #
Datatype
Scale factor
Description
0..1
big-endian, int16
200
Temperature offset [°C] (default value: 0)
2
Checksum for bytes 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com