Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 9 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 9 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
9/23
3 Electrical Specifications
3.1 Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage
-
4.5
5.0
5.5
V
Average supply current
Idle Mode (first 10 seconds)
-
3.8
4.2
mA
Idle Mode (after first 10 seconds)
-
2.6
3
RHT/Gas-only Measurement Mode
-
6.8
8
Measurement-Mode (first 60 seconds)
-
70
100
Measurement-Mode (after first 60 seconds)
-
63
70
Peak supply current
Measurement mode (pulse width of 16µs)
-
100
110
Input high level voltage (VIH)
-
2.31
-
5.5
V
Input low level voltage (VIL)
-
0
-
0.99
Output high level voltage (VOH)
-
2.9
3.3
3.37
Output low level voltage (VOL)
-
0
0
0.4
Table 7 Electrical specifications at 25°C.
3.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 8 may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions cannot be guaranteed. Exposure to the absolute maximum
rating conditions for extended periods may affect the reliability of the device.
Parameter
Min
Max
Unit
Supply voltage VDD
-0.3
5.5
V
Interface Select SEL
-0.3
5.5
I/O pins (RX/SDA, TX/SCL)
-0.3
5.5
Max. current on any I/O pin
-16
16
mA
Operating temperature range
see Table 6
Operating humidity range
see Table 6
Storage temperature range (short-term, e.g. transport)
see Table 6
Storage humidity range (short-term, e.g. transport)
see Table 6
Table 8: Absolute minimum and maximum ratings.
3.3 ESD / EMC Ratings
Immunity
Description
Standard
Rating
Electro Static Discharge
IEC 61000-4-2
±4 kV contact, ±8 kV air
Power-Frequency Magnetic Field
IEC 61000-4-8
30A/m, 50Hz and 60Hz
Radio-Frequency EM-Field AM-modulated
IEC 61000-4-3
80MHz - 1000MHz, 3V/m, 80% AM @1kHz
Radio-Frequency EM-Field AM-modulated
IEC 61000-4-3
1.4GHz – 6GHz, 3V/m, 80% AM @1kHz
Emission
Description
Standard
Rating
Emission in SAC for 30MHz to 230MHz
IEC/CISPR 16
40dB(µV/m) QP @3m
Emission in SAC for 230MHz to 1000MHz
IEC/CISPR 16
47dB(µV/m) QP @3m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com