Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 11 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 11 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
11/23
5 Functional Overview
5.1 Operating Modes
Figure 4 SEN5x operating modes.
Idle
• After power on or reset the module is in Idle-Mode.
• Most of the internal electronics switched off /reduced power consumption.
• Fan and laser are switched off.
• The module is ready to receive and process any command.
Measurement
• The Measurement-Mode can only be entered from Idle-Mode.
• All electronics switched on / max. power consumption.
• The measurement is running, and the module is continuously processing measurement data.
• New readings are available every second.
RHT/Gas-Only Measurement Mode
• The RHT/Gas-Only Measurement Mode can only be entered from Idle Mode.
• Fan and laser are switched off for reduced power consumption.
• RHT and gas sensor are switched on. RHT and gas measurement is running and the module is continuously
processing measurement data.
• New readings are available every second.
Power on / Reset
Idle
Measurement
typ. 63 mA
RHT/Gas-Only
Measurement
typ. 6.8 mA
typ. 2.6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com