Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 5 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 5 Page - Seeed Technology Co.,Ltd.

  101021014 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
5/23
2.2 Particulate Matter Specifications
Parameter
Conditions
Value
Units
Mass concentration specified range
-
0 to 1’000
μg/m3
Mass concentration size range
PM1.0
0.3 to 1.0
μm
PM2.5
0.3 to 2.5
μm
PM4
0.3 to 4.0
μm
PM10
0.3 to 10.0 μm
Mass concentration precision2,3 for PM1 and PM2.54 0 to 100 μg/m3
5 μg/m3 AND 5 % m.v.
100 to 1000 μg/m3
10
% m.v.
Mass concentration precision2,3 for PM4, PM105
0 to 100 μg/m3
25
μg/m3
100 to 1000 μg/m3
25
% m.v.
Maximum long-term mass concentration precision
limit drift
0 to 100 μg/m3
1.25
μg/m3 / year
100 to 1000 μg/m3
1.25
% m.v. / year
Typical start-up time6
number
concentration
200 – 3000 #/cm3
8
s
100 – 200 #/cm3
16
s
50 – 100 #/cm3
30
s
Sensor output characteristics
PM2.5 mass concentration
Calibrated to TSI DustTrak™
DRX 8533 Ambient Mode
Additional T-dependent mass precision limit drift3
temperature
difference to 25°C
typ.
0.5
% m.v. / °C
Laser wavelength
(DIN EN 60825-1 Class 1)
typ.
660
nm
Table 3: Particulate matter sensor specifications. Default conditions of 25
2 °C, 5010% relative humidity and 5 V supply voltage
apply unless otherwise stated. ‘max.’ means ‘maximum’, ‘typ.’ means ‘typical’, ‘% m.v.’ means ‘% of measured value’.
2 Also referred to as “between-parts variation” or “device-to-device variation”.
3 For further details, please refer to the document “Sensirion Particulate Matter Sensor Specification Statement”.
4 Verification Aerosol for PM2.5 is a 3% atomized KCl solution. Deviation to reference instrument is verified in end-tests for every sensor after calibration.
5 PM4 and PM10 output values are calculated based on distribution profile of all measured particles.
6 Time after starting Measurement-Mode, until a stable measurement is obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com