Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 10 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 10 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
10/23
4 Hardware Interface Specifications
The sensor is equipped with a serial communication interface. The interface connector is located at the side of the sensor
adjacent to the air outlet. The used connector is ACES 51451-0060N-001 or another compatible connector. The
corresponding male plug is ACES 51452-006H0H0-001. At the time of writing JST GHR-06V-S is compatible and can
be used as well. In Figure 3 a description of the pin layout is given.
Pin Name
Description
Comments
1
VDD
Supply voltage
5V ± 10%
2
GND
Ground
3
SDA
Serial data input / output
LVTTL 3.3V
compatible
4
SCL
Serial clock input
LVTTL 3.3V
compatible
5
RES
Reserved
Connect to GND
6
NC
Do not connect
Figure 3 Pin layout. The communication interface
connector (ACES 51451-0060N-001) is located at
the side of the sensor adjacent to the air outlet.
Table 9: SEN5x pin assignment.
Note, that there is an internal electrical connection between GND pin (5) and metal shielding. Keep this metal shielding
electrically floating to avoid any unintended currents through this internal connection. If this is not an option, proper
external potential equalization between GND pin and any potential connected to the shielding is mandatory. Any current
though the connection between GND and metal shielding may damage the product and poses a safety risk through
overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com