Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 13 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 13 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
13/23
5.5 Device Status Register
The Device Status Register is a 32-bit register that contains information about the internal state of the module.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Warning
Info
Info
res.
res.
res.
res.
res.
res.
res.
res.
res.
res.
SPEED
FAN.
FAN
res.
res.
res.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Error
Error
Error
Error
res.
res.
res.
res.
res.
res.
res.
VOC
RHT
LASER
FAN
res.
res.
res.
res.
Note:
All “res.” bits are reserved for internal use or future versions. These bits can be both 0 and 1 and should therefore
be ignored.
Bit 21 SPEED: Fan speed out of range
0: Fan speed is ok.
1: Fan speed is too high or too low.
• During the first 3 seconds after starting the measurement (fan start-up) the fan speed is not checked.
• The fan speed is also not checked during the auto cleaning procedure.
• Apart from the two exceptions mentioned above, the fan speed is checked once per second in the
measurement mode. If it is out of range twice in succession, the SPEED-bit is set.
• At very high or low ambient temperatures, the fan may take longer to reach its target speed after start-up. In
this case, the bit will be set. As soon as the target speed is reached, this bit is cleared automatically.
• If this bit is constantly set, this indicates a problem with the power supply or that the fan is no longer working
properly
Bit 20 FAN: Fan is not ready
0: Fan is running normal.
1: Active during the first 3 seconds after starting measurement (fan start-up).
Bit 19 FAN: Fan cleaning active
0: Fan is running normal.
1: Active during the automatic cleaning procedure of the fan
Bit 7 GAS SENSOR: Gas sensor error
0: Gas sensor is running normal.
1: Gas sensor error
Bit 6 RHT: RHT communication error
0: RHT sensor is running normal.
1: Error in internal communication with the RHT sensor
Bit 5 LASER: Laser failure
0: Laser current is ok.
1: Laser is switched on and current is out of range.
• The laser current is checked once per second in the measurement mode. If it is out of range twice in
succession, the LASER-bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com