Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 7 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 7 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
7/23
2.2 Gas Specifications
Parameter
Comments
Values
Units
Min.
Typ.11
Max.
Output signals
VOC Index
1
–
500
VOC Index points
NOx Index
1
–
500
NOx Index points
Device-to-device
variation
VOC Index12
–
<±15
<±15
–
VOC Index points
or
% VOC Index m.v.
(the larger)
NOx Index12
–
<±25
<±25
–
NOx Index points
or
% NOx Index m.v.
(the larger)
Repeatability
VOC Index12
–
<±5
<±5
–
VOC Index points
or
% VOC Index m.v.
(the larger)
NOx Index12
–
<±10
<±10
–
NOx Index points
or
% NOx Index m.v.
(the larger)
Response time
Changing concentration
from 5 to 10 ppm of ethanol, at
sampling interval of 1 s
63
–
<10
–
s
90
–
<30
–
s
Switch-on behavior
Time until reliably detecting events13
–
<60
–
s
Time until specifications in this table are
met
–
<1
–
h
Table 5: Gas sensing specifications at 25 °C and 50 % RH in zero air (considered as clean air for indoor air quality applications). All
concentrations refer to ethanol as test gas.
11
95 % of the sensors will be within the typical tolerance corresponding to 2σ assuming a normal distribution for ≥100 sensors.
12
Evaluated using the calibration and test sequence according to the application note SGP41 – Testing Guide.
13
Signal increase during 60-s event of 5 to 10 ppm of ethanol is three times larger than signal drift without this event during the same duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com