Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 14 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 14 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 18Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
14/23
• If the laser current is back within limits, this bit will be cleared automatically.
• A laser failure can occur at very high temperatures outside of specifications or when the laser module is
defective.
Bit 4 FAN: Fan failure, fan is mechanically blocked or broken.
0: Fan works as expected.
1: Fan is switched on, but the measured fan speed is 0 RPM.
• The fan is checked once per second in the measurement mode. If 0 RPM is measured twice in succession,
the FAN bit is set.
• The FAN-bit will not be cleared automatically.
• A fan failure can occur if the fan is mechanically blocked or broken.
6 Operation and Communication through the I2C Interface
Usage:
• I2C address:
0x69
• Max. speed:
standard mode, 100 kbit/s
• Clock stretching: not used
Both SCL and SDA lines are open drain I/Os. They should
be connected to external pull-up resistors (e.g. Rp = 10
kΩ). Important notice: in order to correctly select I2C as
interface, the interface select (SEL) pin must be pulled to
GND before or at the same time the sensor is powered up.
Figure 5: Typical I2C application circuit.
To avoid electromagnetic interference and crosstalk, use as short as possible electronic connections (< 10 cm) and/or
well shielded connection cables.
For detailed information on the I2C protocol, refer to NXP I2C-bus specification14.
14 http://www.nxp.com/documents/user_manual/UM10204.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com