Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 20 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 20 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 18Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 19Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 20Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 21Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 22Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 23Page - Seeed Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
20/23
7.2 Product Label
The SEN5x contains a label (size: 18 x 12 mm) which is attached to one side of the sensor and contains the following
information:
Label Design
Label Content
Description
SEN5x
Product name
SDN-T
Sensirion internal marking
xxxxxxxxxxxxxxxx / S
16-digit decimal serial number
Table 11 Label information.
Figure 7: Indication of label position on SEN5x.
label
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com