Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 8 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 8 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
8/23
2.3 Recommended and Absolute Maximum/Minimum Operating and Storage Conditions
The SEN5X contains different sensing components with different recommended operating and storage ranges. Table 6
and Figure 2 show the recommended operating and storage conditions in which all the sensing components of the
SEN5x show best performance, as well as absolute maximum/minimum conditions which must not be exceeded. Gas
sensing specifications are guaranteed only when the SEN5x is operated and stored under the recommended conditions
given in Table 6.
Exposure to conditions outside the recommended range may temporarily reduce sensor performance (reversible RH
drift, reduced RH, T, gas, PM accuracy). Exposure to conditions outside absolute maximum/minimum range may lead
to permanently reduced sensor performance (gas sensitivity drift) or cause permanent damage to the device.
The sensor must not be exposed towards condensing conditions at any time.
Condition
Parameter
Recommended
Absolute Maximum/Minimum
Unit
Min.
Max.
Min.
Max.
Operating conditions
Temperature
10
40
-10
50
°C
Relative humidity
20
80
0
90 (non-condensing) % RH
Storage conditions
Temperature
10
30
-40
70
°C
Relative Humidity
20
60
0
80 (non-condensing) % RH
Table 6 Recommended and absolute maximum/minimum operating and storage conditions for SEN5x.
Figure 2 Recommended and absolute maximum/minimum operating and storage conditions for SEN5x.
To ensure an optimal performance of the SEN5x, the “SEN5x Handling Instructions” as well as the “SEN5x Mechanical
Assembly and Design-in Guidelines” need to be followed.
Operating
0
20
40
60
80
100
-40
0
40
80
-20
20
60
Temperature / C
0
20
40
60
80
100
-40
Storage
0
40
80
-20
20
60
Temperature / C
Recommended range
Absolute maximum/minimum range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com