Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 4 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 4 Page - Seeed Technology Co.,Ltd.

  101021014 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
4/23
1 Product Family Overview and Ordering Information
The SEN5x product family consists of a lineup of sensors with identical dimensions, identical hardware & firmware
interface, and varying number of sensor outputs. Table 1 gives an overview of all available product variants with their
respective sensor outputs.
Specifications for sensor outputs only apply for the given product if the sensor is part of this product.
Products
Sensor outputs
Description
Article Number
SEN50-SDN-T
Particulate Matter
Particulate matter sensor, tray packaging,
45 pcs. per tray
Available Q2/2022
SEN54-SDN-T
Particulate Matter
Relative Humidity
Temperature
VOC Index
Environmental sensor node, tray packaging,
45 pcs. per tray
3.000.535
SEN55-SDN-T
Particulate Matter
Relative Humidity
Temperature
VOC Index
NOx Index
Environmental sensor node, tray packaging,
45 pcs. per tray
Available Q2/2022
Table 1: Sensor module specifications.
2 Environmental Sensor Node Specifications
Default conditions of standard Measurement-Mode (6.1.1), 25 °C and 5 V supply voltage apply to values in the table
below, unless otherwise stated.
2.1 Sensor Module Specifications
Parameter
Conditions
Value
Units
Sampling interval
-
1
 0.03
s
Lifetime1
24 h/day operation
> 10
years
Acoustic emission level
0.2 m
24
dB(A)
Long term acoustic emission level drift
0.2 m
+0.5
dB(A) / year
Weight
-
36.4
 10%
g
Table 2: Sensor module specifications.
1 Lifetime is based on mean-time-to-failure (MTTF) calculation. Lifetime might vary depending on different operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com