Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101021014 Datasheet(PDF) 17 Page - Seeed Technology Co.,Ltd.

Part # 101021014
Description  Environmental Sensor Node for HVAC and Air Quality Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101021014 Datasheet(HTML) 17 Page - Seeed Technology Co.,Ltd.

Back Button 101021014 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 18Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 19Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 20Page - Seeed Technology Co.,Ltd. 101021014 Datasheet HTML 21Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.sensirion.com
Version 0.3 – D2 – October 2021 – preliminary and subject to change without notice
17/23
3..4
big-endian, int16
10000
Normalized temperature offset slope (default value: 0)
5
Checksum for bytes 3, 4
6..7
big-endian, uint16
1
Time constant in seconds (default value: 0)
8
Checksum for bytes 6, 7
6.1.6 Read/ Write Warm Start Parameter (0x60C6)
The temperature compensation algorithm is optimized for a cold start by default, i.e. it is assumed that the "Start
Measurement" commands are called on a device not yet warmed up by previous measurements. If the measurement is
started on a device that is already warmed up, this parameter can be used to improve the initial accuracy of the
ambient temperature output.
Read/Write Data:
Byte #
Datatype
Scale factor
Description
0..1
big-endian, uint16
1
Warm start behavior as a value in the range from 0
(cold start, default value) to 65535 (warm start).
(default value: 0)
2
Checksum for bytes 0, 1
6.1.7 Start Fan Cleaning (0x5607)
Starts the fan-cleaning manually. This command can only be executed in Measurement-Mode. For more details, note
the explanations given in 4.2 Fan Auto Cleaning.
6.1.8 Read/Write Auto Cleaning Interval (0x8004)
Reads/Writes the interval [s] of the periodic fan-cleaning. For more details, note the explanations given in 5.2 Fan Auto
Cleaning. This configuration is volatile. It will be reverted to the default value after a device reset.
Read/Write Data:
Byte #
Description
0, 1
Most Significant Byte
big-endian, unsigned 32-bit integer value:
Auto Cleaning Interval [s]
2
Checksum for bytes 0, 1
3, 4
Least Significant Byte
5
Checksum for bytes 3, 4
6.1.9 Read Product Name (0xD014)
This command returns the product name SEN5x. It is defined as a string value with a maximum length of 32 ASCII
characters (including terminating null-character).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com