Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 2Page - STMicroelectronics L6591 Datasheet HTML 3Page - STMicroelectronics L6591 Datasheet HTML 4Page - STMicroelectronics L6591 Datasheet HTML 5Page - STMicroelectronics L6591 Datasheet HTML 6Page - STMicroelectronics L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics L6591 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin settings
L6591
6/32
Pin N.
Name
Function
9Vcc
Supply voltage of both the signal part of the IC and the low-side gate driver.
The internal high voltage generator charges an electrolytic capacitor
connected between this pin and GND (#11) as long as the voltage on the
pin is below the start-up threshold of the IC, after that it is disabled and the
chip turns on. Sometimes a small bypass capacitor (0.1 µF typ.) to GND
might be useful to get a clean bias voltage for the signal part of the IC. The
minimum operating voltage (UVLO) is adapted to the loading conditions of
the converter to ease burst-mode operation, during which the available
supply voltage for the IC drops.
10
LVG
Low-side gate-drive output. The driver is capable of 0.3 A min. source and
0.8A min. sink peak current to drive the gate of the lower MOSFET of the
half-bridge leg. The pin is actively pulled to GND (#11) during UVLO.
11
GND
Chip ground. Current return for both the low-side gate-drive current and the
bias current of the IC. All of the ground connections of the bias components
should be tied to a track going to this pin and kept separate from any pulsed
current return.
12
N.C.
High-voltage spacer. The pin is not connected internally to isolate the group
of high-voltage pins and comply with safety regulations (creepage distance)
on the PCB.
13
FGND
High-side gate-drive floating ground. Current return for the high-side gate-
drive current. Layout carefully the connection of this pin to avoid too large
spikes below ground.
14
HVG
High-side floating gate-drive output. The driver is capable of 0.3 A min.
source and 0.8 A min. sink peak current to drive the gate of the upper
MOSFET of the half-bridge leg. A pull-down resistor between this pin and
pin 13 (FGND) makes sure that the gate is never floating during UVLO.
15
BOOT
High-side gate-drive floating supply voltage. The bootstrap capacitor
connected between this pin and pin 13 (FGND) is fed by an internal
synchronous bootstrap diode driven in-phase with the low-side gate-drive.
This patented structure can replace the normally used external diode.
16
HVSTART
High-voltage start-up. The pin is to be connected directly to the rectified
mains voltage. A 0.8 mA internal current source charges the capacitor
connected between pin Vcc (#9) and GND (#11) until the voltage on the Vcc
pin reaches the start-up threshold. Normally it is re-enabled when the
voltage on the Vcc pin falls below 5 V, except under latched shutdown
conditions, in which case it is re-enabled as the Vcc voltage falls 1 V below
the start-up threshold to keep the latch active.
Table 1.
Pin functions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com