Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 3Page - STMicroelectronics L6591 Datasheet HTML 4Page - STMicroelectronics L6591 Datasheet HTML 5Page - STMicroelectronics L6591 Datasheet HTML 6Page - STMicroelectronics L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics L6591 Datasheet HTML 10Page - STMicroelectronics L6591 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
L6591
Electrical data
7/32
3
Electrical data
3.1
Maximum ratings
3.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VHVSTART
16
Voltage range (referred to ground)
-0.3 to 700
V
IHVS
16
Input current
Self-limited
A
VBOOT
15
Floating supply voltage
-1 to 618
V
VFGND
13
Floating ground voltage
-3 to VBOOT -18
V
dVFGND/dt
13
Floating ground slew rate
50
V/ns
VCC
9
IC supply voltage (Icc = 20 mA)
Self-limited
V
IHVG, ILVG
10, 14
Gate-drives peak current
Self-limited
A
IPFC_STOP
8
Max. sink current (VPFC_STOP = 25 V)
Self-limited
A
VLINEmax
1
Maximum pin voltage (Ipin
≤ 1 mA)
Self-limited
V
---
2 to 7
Analog inputs and outputs
-0.3 to 7
V
ISEN
3
Current sense input
-3 to 7
V
PTOT
Power dissipation @ TA = 50 °C
0.75
W
TJ
Junction temperature operating range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient (1)
1.
Value depending on PCB copper area and thickness.
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com