Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 11Page - STMicroelectronics L6591 Datasheet HTML 12Page - STMicroelectronics L6591 Datasheet HTML 13Page - STMicroelectronics L6591 Datasheet HTML 14Page - STMicroelectronics L6591 Datasheet HTML 15Page - STMicroelectronics L6591 Datasheet HTML 16Page - STMicroelectronics L6591 Datasheet HTML 17Page - STMicroelectronics L6591 Datasheet HTML 18Page - STMicroelectronics L6591 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
L6591
Application information
15/32
Figure 7.
Timing diagram showing short-circuit behavior
(SS pin clamped below 5 V)
5.2
Operation at no load or very light load
When the PWM control voltage at pin COMP falls below a threshold located at 1.75 V, the IC
is disabled with both the high-side and the low-side MOSFET kept in OFF-state, the
oscillator stopped and the quiescent consumption very much reduced to minimize Vcc
capacitor discharge.
The control voltage now will increase as a result of the feedback reaction to the energy
delivery stop and, as it exceeds 1.82 V, the IC will restart switching. After a while, the control
voltage will go down again in response to the energy burst and stop the IC. In this way the
converter will work in a burst-mode fashion with a nearly constant peak current. A further
load decrease will then cause a frequency reduction, which can go down even to few
hundred hertz, thus minimizing all frequency-related losses and making it easier to comply
with energy saving regulations. The timing diagram of Figure 8 illustrates this kind of
operation, showing the most significant signals.
If it is necessary to decrease the intervention threshold of the burst-mode operation, this can
be done by adding a small DC offset on the current sense pin as shown in Figure 9.
Note: The offset reduces the available dynamics of the current signal; thereby, the value of
the sense resistor must be determined taking this offset into account.
 
Vcc
LVG,HVG
Vcc_OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com