Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 21Page - STMicroelectronics L6591 Datasheet HTML 22Page - STMicroelectronics L6591 Datasheet HTML 23Page - STMicroelectronics L6591 Datasheet HTML 24Page - STMicroelectronics L6591 Datasheet HTML 25Page - STMicroelectronics L6591 Datasheet HTML 26Page - STMicroelectronics L6591 Datasheet HTML 27Page - STMicroelectronics L6591 Datasheet HTML 28Page - STMicroelectronics L6591 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
L6591
Summary of L6591 power management functions
25/32
6
Summary of L6591 power management functions
It has been seen that the device is provided with a number of power management functions:
different operating mode upon loading conditions, protection functions, as well as interaction
with the PFC pre-regulator. To help the designer familiarize with these functions, in the
following tables all of theme are summarized with their respective activation mechanism and
the resulting status of the most important pins. This can be useful not only for a correct use
of the IC but also for diagnostic purposes: especially at prototyping/debugging stage, it is
quite common to bump into unwanted activation of some function, and these tables can be
used as a sort of quick troubleshooting guide.
Table 5.
Light load management
Feature
Description
Caused by
IC
behavior
Vcc
restart
[V]
Consumption
[mA]
PFC_STOP
SS
OSC
Burst mode
Controlled
ON-OFF
operation for
low power
consumption
at light load
VCOMP <
VCOMPBon
Pulse
skipping
operation
N.A.
2 mA max
when
VCOMP <
VCOMPBon
Active (low)
when
VCOMP <
VCOMPBon
No
change
Stopped
when
VCOMP <
VCOMPBon
Adaptive
UVLO
Extended
Vcc range at
light load
VCOMP <
VCOMPL
UVLO
threshold
reduction
N.A.
N.A.
No change
No
change
Run
Table 6.
Protections
Protection
Description
Caused by
IC
behavior
Vcc
restart
[V]
IC Iq
[mA]
VREF
[V]
SS
VCOMP
[V]
OSC
[V]
PFC_STOP
OLP
Output
overload
protection
VCOMP =
VCOMPH
VSS >
VSSDIS
Auto
restart (1)
5
1.2
5
N.A.
0
Stop
Active (low)
VCOMP =
VCOMPH
VSS >
VSSLAT
Latched
13
0.35
max
0
N.A.
0
Stop
Active (low)
Short circuit
protection
Output short
circuit
protection
VCOMP =
VCOMPH
VSS >
VSSDIS
Auto
restart (1)
5
1.2
5
N.A.
0
Stop
Active (low)
VCOMP =
VCOMPH
VSS >
VSSLAT
Latched
13
0.35
max
0
N.A.
0
Stop
Active (low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com