Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 20Page - STMicroelectronics L6591 Datasheet HTML 21Page - STMicroelectronics L6591 Datasheet HTML 22Page - STMicroelectronics L6591 Datasheet HTML 23Page - STMicroelectronics L6591 Datasheet HTML 24Page - STMicroelectronics L6591 Datasheet HTML 25Page - STMicroelectronics L6591 Datasheet HTML 26Page - STMicroelectronics L6591 Datasheet HTML 27Page - STMicroelectronics L6591 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Application information
L6591
24/32
Figure 16.
Soft-start pin operation under different operating conditions
While in case of feedback loop failure the system must be stopped quickly to prevent the
output voltage from reaching too high values, an overload or a short circuit does not
generally need such fast intervention. The L6591 makes it easier to handle such conditions:
the 2 V clamp on the SS pin is removed and a second internal current generator ISS2 = ISS1
/4 keeps on charging Css. If the voltage reaches 5 V the IC will be disabled, if it is allowed to
reach 2 VBE over 5 V, the IC will be latched off. In the former case the resulting behavior will
be identical to that under short circuit illustrated in Figure 11; in the latter case the result will
be identical to that of Figure 12. The time delay before stopping switching upon overload is:
Equation 9
If the overload disappears before the SS voltage reaches 5 V the ISS2 generator will be
turned off and the voltage gradually brought back down to 2 V. A diode, with the anode to the
SS pin and the cathode connected to the VREF pin (#6) allows the designer to select either
an auto-restart mode or a latch-mode behavior upon overload.
If latch-mode behavior is desired also for converter
’s short circuit, make sure that the supply
voltage of the IC never falls below the UVLO threshold before activating the latch. Figure 18
shows soft-start pin behavior under different operating conditions.
Figure 17
shows a typical high-power adapter application that uses the L6591 in conjunction
with the L6563 PFC controller.
1
SS
SS
delay
I
C
12
T
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com