Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 12Page - STMicroelectronics L6591 Datasheet HTML 13Page - STMicroelectronics L6591 Datasheet HTML 14Page - STMicroelectronics L6591 Datasheet HTML 15Page - STMicroelectronics L6591 Datasheet HTML 16Page - STMicroelectronics L6591 Datasheet HTML 17Page - STMicroelectronics L6591 Datasheet HTML 18Page - STMicroelectronics L6591 Datasheet HTML 19Page - STMicroelectronics L6591 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Application information
L6591
16/32
Figure 8.
Load-dependent operating modes: timing diagram
Figure 9.
Addition of an offset to the current sense lowers the burst-mode
operation threshold
To help the designer meet energy saving requirements even in power-factor-corrected
systems, where a PFC pre-regulator precedes the DC-DC converter, the L6591 allows that
the PFC pre-regulator can be turned off during burst-mode operation, hence eliminating the
no-load consumption of this stage (0.5
÷1 W). There is no compliance issue in that because
EMC regulations on low-frequency harmonic emissions refer to nominal load, no limit is
envisaged when the converter operates with light or no load.
To do so, the L6591 provides the PFC_STOP (#8) pin: it is an open collector output,
normally open, that is asserted low when the IC is idle during burst-mode operation. This
signal will be externally used for switching off the PFC controller and the pre-regulator as
shown in Figure 10. When the L6591 is in UVLO the pin is kept open, to let the PFC
controller starts first.
LVG, HVG
1.82V
t
t
t
COMP
Fix. Fr eq. M ode
Burst-mode
fosc
Fi x. Freq. Mode
PFC_STOP
PFC
GATE-DR IVE
1.75V
 
Rs
L6591
R
Vref
Rc
6
10
4
11
Vo = Vref
R
R + Rc
LVG
ISEN
GND
Rs
L6591
R
Vref
Rc
6
10
4
11
Vo = Vref
R
R + Rc
LVG
ISEN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com