Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 1 Page - STMicroelectronics

  L6591 Datasheet HTML 1Page - STMicroelectronics L6591 Datasheet HTML 2Page - STMicroelectronics L6591 Datasheet HTML 3Page - STMicroelectronics L6591 Datasheet HTML 4Page - STMicroelectronics L6591 Datasheet HTML 5Page - STMicroelectronics L6591 Datasheet HTML 6Page - STMicroelectronics L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
June 2008
Rev 1
1/32
32
L6591
PWM controller for ZVS half-bridge
Features
Complementary PWM control for soft-switched
half-bridge with programmable dead-time
Up to 500 kHz operating frequency
On-board high-voltage start-up
Advanced light load management
Adaptive UVLO
Pulse-by-pulse OCP
OLP (latched or autorestart)
Transformer saturation detection
Interface with PFC controller
Latched disable input
Input for power-on sequencing or brownout
protection
Programmable soft-start
4 % precision external reference
600 V-rail compatible high-side gate driver with
integrated bootstrap diode and high dV/dt
immunity
SO16N package
Applications
High power AC-DC adapter/charger
Desktop PC, entry-level server
Telecom SMPS
SO-16
SO16 narrow
Figure 1.
Typical application circuit
5
Vre f
+
-
1.5V
3
BLANKI NG
R
S
Q
25 V
Vc c_O K
DIS
R
3R
DIS
7
4
11
6
9
CLK
COMP
SS
ISEN
OSC
VCC
VREF
GND
HICCUP
VREG
VREG
0.3 2mA
TIMING
PWM
+
-
16
HV
LV G
HV ge nerator ON/O
FFa nd
a daptive UV LOmanagement
Vcc_OK
8
PFC_STOP
2.0 V
-
+
OCP2
DI S
OCP2
+
-
SOFT-START
BURST- M ODE CTRL
S
Q
R
S
Q
R
VCC
14
HVG
10
1 3
FGND
LEVEL
SHIFTER
15
BOOT
Sync hronous
bootstra p diode
1.7 5V
-
+
2
DIS
4.5V
OCP
-
+
-
+
1
LINE
1.5V
15µA
LINE_ OK
LINE_OK
S HUT DO WN
PWM _CT L
Ilimre f
0.8 V max.
Low
UVLO
Low
UV LO
www.st.com


Similar Part No. - L6591

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
FULLY INTEGRATED POWER SUPPLY
Oct-2000
L6590D STMICROELECTRONICS-L6590D Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
L6590N STMICROELECTRONICS-L6590N Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
HIGH VOLTAGE RESONANT CONTROLLER
Feb-2000
More results

Similar Description - L6591

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com