Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 4 Page - STMicroelectronics

  L6591 Datasheet HTML 1Page - STMicroelectronics L6591 Datasheet HTML 2Page - STMicroelectronics L6591 Datasheet HTML 3Page - STMicroelectronics L6591 Datasheet HTML 4Page - STMicroelectronics L6591 Datasheet HTML 5Page - STMicroelectronics L6591 Datasheet HTML 6Page - STMicroelectronics L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Pin settings
L6591
4/32
2
Pin settings
2.1
Connection
Figure 3.
Pin connection (top view)
2.2
Functions
 
VREF
OSC
LINE
ISEN
SS
COMP
DIS
PFC_STOP
HVSTART
BOOT
GND
LVG
Vcc
HVG
FGND
N.C.
6
5
1
3
4
7
2
8
11
12
16
14
13
10
15
9
Table 1.
Pin functions
Pin N.
Name
Function
1LINE
Line sensing input. The pin is to be connected to the high-voltage input bus
with a resistor divider. A voltage below 1.25 V shuts down the IC, lowers its
consumption and discharges the soft-start capacitor. IC’s operation is re-
enabled as the voltage exceeds 1.25 V. The comparator is provided with
current hysteresis: an internal 15 µA current generator is ON as long as the
voltage applied at the pin is below 1.25 V and is OFF if this value is
exceeded. Bypass the pin with a capacitor to GND (#11) to reduce noise
pick-up. The pin is intended for either power-on sequencing in systems with
PFC, or brownout protection. Tie to Vcc (#9) with a 220 to 330 kW resistor if
the function is not used.
2DIS
Latched device shutdown. Internally the pin connects a comparator that,
when the voltage on the pin exceeds 4.5 V, shuts the IC down and brings its
consumption to a value barely higher than before start-up. The information
is latched and it is necessary to recycle the input power to restart the IC: the
latch is removed as the voltage on the Vcc pin (#9) goes below the UVLO
threshold. Connect the pin to GND (#11) if the function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com