Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics L6591 Datasheet HTML 10Page - STMicroelectronics L6591 Datasheet HTML 11Page - STMicroelectronics L6591 Datasheet HTML 12Page - STMicroelectronics L6591 Datasheet HTML 13Page - STMicroelectronics L6591 Datasheet HTML 14Page - STMicroelectronics L6591 Datasheet HTML 15Page - STMicroelectronics L6591 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Application information
L6591
12/32
5
Application information
The L6591 is an advanced current-mode PWM controller specific for fixed-frequency, peak-
current-mode-controlled ZVS half-bridge converters. In these converters the switches
(MOSFET’s) are controlled with complementary duty cycle: the high-side MOSFET is driven
ON for a duty cycle D and the low-side MOSFET for a duty cycle 1-D. For a proper operation
the maximum allowed duty cycle must be limited below 50 %.
An externally programmable dead-time TD inserted between the turn-off of one MOSFET
and the turn-on of the other one ensures soft-switching and enables high-frequency
operation with high efficiency and low EMI emissions. See Section 5.6: Oscillator and dead-
time programming on page 19 section for more information on how to program TD.
The device is able to operate in different modes (Figure 4), depending on the converter’s
load conditions:
1.
Fixed frequency at heavy load. A relaxation oscillator, externally programmable with a
capacitor and a resistor generates a sawtooth and releases clock pulses during the
falling edges of the sawtooth. In this region the low-side MOSFET is turned off by the
even pulses of the clock signal and the high-side MOSFET is turned on after a delay;
the high-side MOSFET is turned off and, after a delay, the low-side MOSFET is turned
on in response to the control loop.
2.
Burst-mode control with no or very light load. When the load is extremely light or
disconnected, the converter will enter a controlled on/off operation with fixed duty cycle,
where a series of few switching cycles are spaced out by long periods where both
MOSFET
’s are in OFF-state. A load decrease will be then translated into a frequency
reduction, which can go down even to few hundred hertz, thus minimizing all
frequency-related losses and making it easier to comply with energy saving
regulations. Being the peak current very low, no issue of audible noise arises.
Figure 4.
Multi-mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com