Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 4Page - STMicroelectronics L6591 Datasheet HTML 5Page - STMicroelectronics L6591 Datasheet HTML 6Page - STMicroelectronics L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics L6591 Datasheet HTML 10Page - STMicroelectronics L6591 Datasheet HTML 11Page - STMicroelectronics L6591 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical characteristics
L6591
8/32
4
Electrical characteristics
Table 4.
Electrical characteristics
(TJ = 0 to 105 °C, Vcc = 15 V, VBOOT = 12 V, CHVG = CLVG = 1 nF; RT = 22 kΩ,
CT = 330 pF; unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
IC supply voltage
Vcc
Operating range after
turn-on
VCOMP > VCOMPL
11.3
22
V
VCOMP = VCOMPL
9.2
22
VccOn
Turn-on threshold
(1)
13
14
15
V
VccOff
Turn-off threshold
(1) V
COMP > VCOMPL
9.7
10.5
11.3
V
(1) V
COMP = VCOMPL
8.2
8.7
9.2
Hys
Hysteresis
VCOMP > VCOMPL
3.0
3.5
V
VZ
Vcc clamp voltage
Icc = 15 mA
22
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on,
Vcc = 12.5 V
190
250
µA
Iq
Quiescent current
After turn-on
2.8
3.5
mA
Icc
Operating supply current
5.3
8
mA
Iqdis
Shutdown quiescent
current
VDIS > 4.5 V,
VISEN > 1.5 V
0.35
mA
VCOMP = 1.64 V
2.2
mA
VLINE < 1.44 V
0.35
mA
High-side floating gate-drive supply
VBOOT
Operating supply voltage
Referred to FGND pin
17
V
IqBOOT
Quiescent current
VFGND = 0
500
800
µA
ILK
High-voltage leakage
VFGND = VBOOT =
VHVG = 600 V
10
µA
RDS(on)
Synchronous bootstrap
diode on-resistance
VLVG = HIGH
125
Ω
High-voltage start-up generator
VHV
Breakdown voltage
IHV < 100 µA700
V
VHVstart Start voltage
IVcc < 100 µA60
75
90
V
Icharge
Vcc charge current
VHV > VHvstart,
Vcc> 3V
0.55
0.75
1
mA
IHV, ON
ON-state current
VHV > VHvstart,
Vcc> 3 V
1.6
mA
VHV > VHvstart, Vcc = 0
0.8
IHV, OFF Leakage current (OFF-state) VHV = 400 V
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com