Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 14Page - STMicroelectronics L6591 Datasheet HTML 15Page - STMicroelectronics L6591 Datasheet HTML 16Page - STMicroelectronics L6591 Datasheet HTML 17Page - STMicroelectronics L6591 Datasheet HTML 18Page - STMicroelectronics L6591 Datasheet HTML 19Page - STMicroelectronics L6591 Datasheet HTML 20Page - STMicroelectronics L6591 Datasheet HTML 21Page - STMicroelectronics L6591 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Application information
L6591
18/32
Figure 11.
Hiccup-mode OCP: timing diagram (device self-supplied)
5.5
Latched shutdown
The L6591 is equipped with a comparator having the non-inverting input externally available
at the pin DIS (#2) and with the inverting input internally referenced to 4.5 V. As the voltage
on the pin exceeds the internal threshold, the IC is immediately shut down and its
consumption reduced at a low value.
The information is latched and it is necessary to let the voltage on the Vcc pin go below the
UVLO threshold to reset the latch and restart the IC. To keep the latch supplied as long as
the converter is connected to the input source, the HV generator is activated periodically so
that Vcc oscillates between the start-up threshold VccON and VccON – 1 V. It is then
necessary to disconnect the converter from the input source to restart the IC. This operation
is shown in the timing diagram of Figure 12. Activating the HV generator in this way cuts its
power dissipation approximately by three (as compared to the case of continuous
conduction) and keeps peak silicon temperature close to the average value.
 
Vc c
LVG, HV G
OC P latch
Sec ondary diode is s horted here
t
t
t
t
V
CS
Vcc_ OK
t
1.5 V
PFC _S top
t
Vcc
on
Vccoff
Vcc
resta rt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com