Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 9Page - STMicroelectronics L6591 Datasheet HTML 10Page - STMicroelectronics L6591 Datasheet HTML 11Page - STMicroelectronics L6591 Datasheet HTML 12Page - STMicroelectronics L6591 Datasheet HTML 13Page - STMicroelectronics L6591 Datasheet HTML 14Page - STMicroelectronics L6591 Datasheet HTML 15Page - STMicroelectronics L6591 Datasheet HTML 16Page - STMicroelectronics L6591 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
L6591
Application information
13/32
5.1
High-voltage start-up generator
Figure 5 shows the internal schematic of the high-voltage start-up generator (HV generator).
It is made up of a high-voltage N-channel FET, whose gate is biased by a 15 MW resistor,
with a temperature-compensated current generator connected to its source.
With reference to the timing diagram of Figure 6, when power is first applied to the converter
the voltage on the bulk capacitor (Vin) builds up and, as it reaches about 80 V, the HV
generator is enabled to operate (HV_EN is pulled high) and draws about 1 mA. This current,
diminished by the IC consumption, charges the bypass capacitor connected between pin
Vcc (9) and ground and makes its voltage rise almost linearly.
As the Vcc voltage reaches the start-up threshold (13.5 V typ.) the IC starts operating and
the HV generator is cut off by the Vcc_OK signal asserted high. The IC is powered by the
energy stored in the Vcc capacitor until the self-supply circuit develops a voltage high
enough to sustain the operation. The residual consumption of this circuit is just the one on
the 15 MW resistor (
10 mW at 400 Vdc), typically 50-70 times lower, under the same
conditions, as compared to a standard start-up circuit made with an external dropping
resistor.
Figure 5.
High-voltage start-up generator: internal schematic
 
L6591
15 M
&
GN D
HVSTART
Vcc
9
11
16
Icharge
Vcc_OK
I HV
CONTROL
HV_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com