Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics L6591 Datasheet HTML 10Page - STMicroelectronics L6591 Datasheet HTML 11Page - STMicroelectronics L6591 Datasheet HTML 12Page - STMicroelectronics L6591 Datasheet HTML 13Page - STMicroelectronics L6591 Datasheet HTML 14Page - STMicroelectronics L6591 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L6591
Electrical characteristics
11/32
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tr
Rise time
80
ns
UVLO saturation
Vcc = 0 to VccOn,
Isink = 1 mA
1.1
V
High-side gate driver (voltages referred to FGND)
VHVGL
Output low voltage
Isink = 200 mA
1.5
V
VHVGH
Output high voltage
Isource = 5 mA
11
11.9
V
Isourcepk Peak source current
(3)
-0.3
A
Isinkpk
Peak sink current (3)
0.8
A
tf
Fall time
40
ns
tr
Rise time
80
ns
Pull-down resistor
25
k
1.
Parameters in tracking each other
2.
Parameters in tracking each other
3.
Parameters guaranteed by design
Table 4.
Electrical characteristics (continued)
(TJ = 0 to 105 °C, Vcc = 15 V, VBOOT = 12 V, CHVG = CLVG = 1 nF; RT = 22 kΩ,
CT = 330 pF; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com