Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6591
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591 Datasheet(HTML) 3 Page - STMicroelectronics

  L6591 Datasheet HTML 1Page - STMicroelectronics L6591 Datasheet HTML 2Page - STMicroelectronics L6591 Datasheet HTML 3Page - STMicroelectronics L6591 Datasheet HTML 4Page - STMicroelectronics L6591 Datasheet HTML 5Page - STMicroelectronics L6591 Datasheet HTML 6Page - STMicroelectronics L6591 Datasheet HTML 7Page - STMicroelectronics L6591 Datasheet HTML 8Page - STMicroelectronics L6591 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
L6591
Device description
3/32
1
Device description
The L6591 is a double-ended PWM controller specific for the soft-switched half-bridge
topology. It provides complementary PWM control, where the high-side switch is driven ON
for a duty cycle D and the low-side switch for a duty cycle 1-D, with D 50 %. An externally
programmable dead-time inserted between the turn-off of one switch and the turn-on of the
other one guarantees soft-switching and enables high-frequency operation.
To drive the high-side switch with the bootstrap approach, the IC incorporates a high-voltage
floating structure able to withstand more than 600 V with a synchronous-driven high-voltage
DMOS that replaces the external fast-recovery bootstrap diode.
The IC enables the designer to set the operating frequency of the converter by means of an
externally programmable oscillator: the maximum duty cycle is digitally clipped at 50 % by a
T-flip-flop, so that the operating frequency will be half that of the oscillator.
At very light load the IC enters a controlled burst-mode operation that, along with the built-in
non-dissipative high-voltage start-up circuit and the low quiescent current, helps keep low
the consumption from the mains and be compliant with energy saving recommendations.
To allow compliance with these standards in two-stage power-factor-corrected systems as
well, an interface with the PFC controller is provided that enables to switch off the pre-
regulator between one burst and the following one.
An innovative adaptive UVLO helps minimize the issues related to the fluctuations of the
self-supply voltage with the output load, due to transformer's parasitic.
IC's protection functions include: not-latched input undervoltage (brownout), a first-level
OCP with delayed shutdown able to protect the system during overload and short circuit
conditions (either auto-restart or latch mode can be selected) and a second-level OCP that
latches off the IC when the transformer saturates or one of the secondary diodes fails short.
Finally, a latched disable function allows easy implementation of OTP or OVP.
Programmable soft-start and digital leading-edge blanking on current sense input pin
complete the equipment of the IC.
Figure 2.
Typical system block diagram
 
Vinac
Voutd c
L6561/2
or
L6563
PW M is turned off in case of PFC's
anomalous oper ation, for safety
PFC can be turned off at light
load to ease compliance with
energy saving r egulatio ns.
L6591
PFC PRE-REGULATOR
ZVS HALF-BRIDGE
Vinac
Voutd c
L6561/2
or
L6563
PW M is turned off in case of PFC's
anomalous oper ation, for safety
PFC can be turned off at light
load to ease compliance with
energy saving r egulatio ns.
L6591
PFC PRE-REGULATOR
ZVS HALF-BRIDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com