Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 59Page - STMicroelectronics ST40RA150XHA Datasheet HTML 60Page - STMicroelectronics ST40RA150XHA Datasheet HTML 61Page - STMicroelectronics ST40RA150XHA Datasheet HTML 62Page - STMicroelectronics ST40RA150XHA Datasheet HTML 63Page - STMicroelectronics ST40RA150XHA Datasheet HTML 64Page - STMicroelectronics ST40RA150XHA Datasheet HTML 65Page - STMicroelectronics ST40RA150XHA Datasheet HTML 66Page - STMicroelectronics ST40RA150XHA Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
8 Pin description
ST40RA
63/94
STMicroelectronics
ADCS 7260755H
LBANK1
J4
BA1
Mem bank address
SL
O
LADDR0
G3
MA0
Memory page/column address
SL
O
LADDR1
G4
MA1
Memory page/column address
SL
O
LADDR2
G5
MA2
Memory page/column address
SL
O
LADDR3
F3
MA3
Memory page/column address
SL
O
LADDR4
F4
MA4
Memory page/column address
SL
O
LADDR5
F5
MA5
Memory page/column address
SL
O
LADDR6
E3
MA6
Memory page/column address
SL
O
LADDR7
E4
MA7
Memory page/column address
SL
O
LADDR8
E5
MA8
Memory page/column address
SL
O
LADDR9
D3
MA9
Memory page/column address
SL
O
LADDR10
D4
MA10
Memory page/column address
SL
O
LADDR11
D5
MA11
Memory page/column address
SL
O
LADDR12
C3
MA12
Memory page/column address
SL
O
LADDR13
C4
MA13
Memory page/column address
SL
O
LADDR14
C5
MA14
Memory page/column address
SL
O
LDQS0
C19
DQS0
DDR data strobe
SL
O
LDQS1
B12
DQS1
DDR data strobe
SL
O
LDQS2
A11
DQS2
DDR data strobe
SL
O
LDQS3
B2
DQS3
DDR data strobe
SL
O
LDQS4
B1
DQS4
DDR data strobe
SL
O
LDQS5
L2
DQS5
DDR data strobe
SL
O
LDQS6
M1
DQS6
DDR data strobe
SL
O
LDQS7
W3
DQS7
DDR data strobe
SL
O
LCLKOUTA
D8
MCLKOA
SDRAM clock output
SL
O
NOTLCLKOUTA
D7
NOTMCLKOA
SDRAM clock output
SL
O
LCLKOUTB
L3
MCLKOB
SDRAM clock output
SL
O
NOTLCLKOUTB
M3
NOTMCLKOB
SDRAM clock output
SL
O
LVREF
H5
VREF
DDR reference voltage
-
I
LDQM0
C20
DQM0
SDRAM data mask
SL
O
LDQM1
A12
DQM1
SDRAM data mask
SL
O
LDQM2
B11
DQM2
SDRAM data mask
SL
O
LDQM3
A2
DQM3
SDRAM data mask
SL
O
LDQM4
A1
DQM4
SDRAM data mask
SL
O
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com