Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 26Page - STMicroelectronics ST40RA150XHA Datasheet HTML 27Page - STMicroelectronics ST40RA150XHA Datasheet HTML 28Page - STMicroelectronics ST40RA150XHA Datasheet HTML 29Page - STMicroelectronics ST40RA150XHA Datasheet HTML 30Page - STMicroelectronics ST40RA150XHA Datasheet HTML 31Page - STMicroelectronics ST40RA150XHA Datasheet HTML 32Page - STMicroelectronics ST40RA150XHA Datasheet HTML 33Page - STMicroelectronics ST40RA150XHA Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
ADCS 7260755H
STMicroelectronics
30/94
ST40RA
6 Clock generation
5.9.7
PCI.PERF register definition.
6
Clock generation
The ST40 clock architecture has been organized to maintain compatibility across the ST40 family
and allow additional flexibility to increase system performance where required. It includes a more
diverse range of peripherals and provides low power use.
6.1
Clock domains and sources
Figure 4 shows possible clock domains for ST40RA clocks. The ST40RA implementation includes
two CLOCKGEN macros, which supply up to three independent clock domains across the chip
Each PLL may be independently programmed to produce a clock at a specific frequency which is
used to derive a series of related clocks which may be used by the system.
The clock domains mapping is shown in
Table 13. The architecture of the ST40RA CLOCKGEN
subsystem consists of two standard (ST40 family) CLOCKGEN units (CLOCKGENA and
CLOCKGENB) and a CLOCKCON block.
Figure 5 shows the architecture of the ST40RA
CLOCKGEN subsystem.
PCI.PERF
0x0080
PCI.PERF modifies the function of the PCI.
[3:0]
DLY_PERRSAMPLE
Parity error delay
Number of APP_CLOCK cycles after end of PCI that access master
should wait to see if there is a parity error
RW
4
ENB_WRITEPOST
Enable write posting in master
RW
5
ENB_STBYBYPASS
Enable standby bypass
RW
[31:6]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com