Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 62Page - STMicroelectronics ST40RA150XHA Datasheet HTML 63Page - STMicroelectronics ST40RA150XHA Datasheet HTML 64Page - STMicroelectronics ST40RA150XHA Datasheet HTML 65Page - STMicroelectronics ST40RA150XHA Datasheet HTML 66Page - STMicroelectronics ST40RA150XHA Datasheet HTML 67Page - STMicroelectronics ST40RA150XHA Datasheet HTML 68Page - STMicroelectronics ST40RA150XHA Datasheet HTML 69Page - STMicroelectronics ST40RA150XHA Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
ADCS 7260755H
STMicroelectronics
66/94
ST40RA
8 Pin description
NOTPREQ3
G16
NOTPCI_REQ3
PCI external request for bus
PIO22
EMPIDREQ1
P8
I
I/O
O
NOTPGNT0
D18
NOTPCI_GNT0
PCI grant external request
PIO17
P8
I/O
I/O
NOTPGNT1
D17
NOTPCI_GNT1
PCI grant external request
PIO19
P8
O
I/O
NOTPGNT2
E16
NOTPCI_GNT2
PCI grant external request
PIO21
P8
O
I/O
NOTPGNT3
D16
NOTPCI_GNT3
PCI grant external request
PIO23
EMPIDRAK1
P8
O
I/O
I
PCLKOUT
F20
PCI_CLOCKOUT
PCI clock output
PIO14
P8
O
I/O
NOTPINTA
T19
NOTPCI_INTA
PCI interrupt request
PIO15
P8
I/O
I/O
DACK0
U19
DACK0
DMA bus acknowledge
PIO10
EMPIDACK2
C2A
O
I/O
I
DRAK0
U18
DRACK0
DMA request acknowledge
PIO9
EMPIDRAK2
C2A
O
I/O
I
DREQ0
V20
DREQ0
DMA transfer request
PIO8
EMPIDREQ2
C2A
I
I/O
O
DACK1
U20
DACK1
DMA bus acknowledge
PIO13
EMPIDACK3
C2A
O
I/O
I
DRAK1
T20
DRACK1
DMA request acknowledge
PIO12
EMPIDRAK3
C2A
O
I/O
I
DREQ1
U17
DREQ1
DMA transfer request
PIO11
EMPIDREQ3
C2A
I
I/O
O
SCI2
V19
RTS1/PIO7
SCI2 transmission request
PIO7
C2A
O
I/O
CTS1
V18
CTS1/PIO6
SCI2 transmission enabled
PIO6
C2A
O
I/O
RXD0
Y19
RXD0/PIO1
SCI receive data input
PIO1
C2A
I
I/O
RXD1
W20
RXD1/PIO4
SCI receive data input
PIO4
C2A
I
I/O
SCK0
Y18
SCK0/PIO0
SCI clock input
PIO0
C2A
I
I/O
SCK1
W18
SCK1/PIO3
SCI clock input
PIO3
C2A
I
I/O
TXD0
Y20
TXD0/PIO2
SCI transmit data output
PIO2
C2A
O
I/O
TXD1
W19
TXD1/PIO5
SCI transmit data output
PIO5
C2A
O
I/O
NOTRST
E14
NOTRESET
Power on reset
-
I
IRL0
C10
IRL0
Interrupt request signal
-
I
IRL1
C11
IRL1
Interrupt request signal
-
I
IRL2
C12
IRL2
Interrupt request signal
-
I
IRL3
D13
IRL3
Interrupt request signal
-
I
NMI
C13
NMI
Nonmaskable interrupt
-
I
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com