Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 68Page - STMicroelectronics ST40RA150XHA Datasheet HTML 69Page - STMicroelectronics ST40RA150XHA Datasheet HTML 70Page - STMicroelectronics ST40RA150XHA Datasheet HTML 71Page - STMicroelectronics ST40RA150XHA Datasheet HTML 72Page - STMicroelectronics ST40RA150XHA Datasheet HTML 73Page - STMicroelectronics ST40RA150XHA Datasheet HTML 74Page - STMicroelectronics ST40RA150XHA Datasheet HTML 75Page - STMicroelectronics ST40RA150XHA Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
ADCS 7260755H
STMicroelectronics
72/94
ST40RA
8 Pin description
8.4
Pin states
The following table shows the direction and state of the pins during and immediately after reset.
q
Z indicates an output or I/O pin that has been tri-stated.
q
I indicates an input or I/O pin in input modes (I/O buffer tri-stated).
q
1 indicates an output or I/O pin driving logical high.
q
0 indicates an output or I/O pin driving logical low.
q
X indicates an output or I/O pin driving undefined data.
q
H indicates a pin with weak internal pull-up enabled.
q
L indicates a pin with weak internal pull-down enabled.
Pin names
Architecturally defined
reset state
Implementation reset state during and after
reset
Dir
During reset
Dir
During reset
Following reset
LMI system pins
LDATA0:63
I/O
Z
I/O
Z
LBANK0:1
O
X
I/O
11
LADDR0:14
O
X
I/O
1...1
LDQS0:7
I/O
Z
I/O
Z
LCLKOUTA:B
O
1
I/O
X
NOTLCLKOUTA:B
O
0
I/O
X
LDQM0:7
O
X
I/O
X
NOTLCSA/B0:1,
O
1
I/O
11
NOTLRASA:B,
NOTLCASA:B, NOTLWEA:B
O1
I/O
1
LCLKEN0:1
O
0
I/O
0
PCI system pins
PAD0:31
I/O
0
I/O
0
NOTPCBE0:3
I/O
0
I/O
0
PPAR
I/O
0
I/O
0
NOTPFRAME
I/O
1
I/O
H
NOT PIRDY
I/O
1
I/O
H
NOTPTRDY
I/O
1
I/O
H
NOTPSTOP
I/O
1
I/O
H
NOTPERR
I/O
1
I/O
H
NOTPSERR
I/O
1
I/O
H
NOTPDEVSEL
I/O
1
I/O
H
PIDSEL
I/O
0
I
0
NOTPRST
I/O
0
I/O
0
Table 36: Pin reset states for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com