Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 36Page - STMicroelectronics ST40RA150XHA Datasheet HTML 37Page - STMicroelectronics ST40RA150XHA Datasheet HTML 38Page - STMicroelectronics ST40RA150XHA Datasheet HTML 39Page - STMicroelectronics ST40RA150XHA Datasheet HTML 40Page - STMicroelectronics ST40RA150XHA Datasheet HTML 41Page - STMicroelectronics ST40RA150XHA Datasheet HTML 42Page - STMicroelectronics ST40RA150XHA Datasheet HTML 43Page - STMicroelectronics ST40RA150XHA Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
ADCS 7260755H
STMicroelectronics
40/94
ST40RA
6 Clock generation
6.6.2
CPG.STBCR register
CPG.STBCR
Sleep or standby mode
0x0004
Select between sleep and standby modes when a sleep instruction is issued.
0
MSTP0
SCIF1 standby
0: SCIF1 operates
1: SCIF1 clock stopped
Reset state: 0
RW
1
MSTP1
RTC standby
0: RTC operates
1: RTC clock stopped
Reset state: 0
RW
2
MSTP2
TMU standby
0: TMU operates
1: TMU clock stopped
Reset state: 0
RW
3
MSTP3
SCIF2 standby
0: SCIF2 operates
1: SCIF2 clock stopped
Reset state: 0
RW
4
MSTP4
Not used
Reset state: 0
RW
5
PPU
Peripheral module pull-up pin control
Controls the state of peripheral module related pins
in the high impedance state
0: Peripheral module related pin pull-up resistors
are on
1: Peripheral module related pin pull-up resistors
are off
Reset state: 0
RW
6PHZ
Peripheral module pin high impedance control
Controls the state of peripheral module related pins
in standby mode
0: Peripheral module related pins are in normal
state
1: Peripheral module related pins go to high
impedance state
Reset state: 0
RW
7STBY
Standby
0: Transition to sleep mode on sleep instruction
1: Transition to standby mode on sleep instruction
Reset state: 0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com