Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 23Page - STMicroelectronics ST40RA150XHA Datasheet HTML 24Page - STMicroelectronics ST40RA150XHA Datasheet HTML 25Page - STMicroelectronics ST40RA150XHA Datasheet HTML 26Page - STMicroelectronics ST40RA150XHA Datasheet HTML 27Page - STMicroelectronics ST40RA150XHA Datasheet HTML 28Page - STMicroelectronics ST40RA150XHA Datasheet HTML 29Page - STMicroelectronics ST40RA150XHA Datasheet HTML 30Page - STMicroelectronics ST40RA150XHA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
5 System configuration
ST40RA
27/94
STMicroelectronics
ADCS 7260755H
5.9.4.2 SYSCONF.SYS_CON1
.
Where the two clocks are sourced from independent PLLs the bridge must be put in asynchronous
mode.
5.9.5
SYSCONF.SYS_CON2.
SYSCONF.SYS_CON1
Memory bridge control
0x010
[3:0]
Reserved
RW
[10:4]
MB1
Memory bridge 1 control: EMI target
RW
[17:11]
MB2
Memory bridge 2 control: EMPI initiator
RW
[24:18]
MB3
Memory bridge 3 control: EMI_SS target
RW
[38:25]
Reserved
[45:39]
MB6
Memory bridge 6 control: PCI initiator
RW
[52:46]
MB7
Memory bridge 7 control: PCI target
RW
[63:53]
Reserved
SYSCONF.SYS_CON2
Functional pin use and behavior
0x0018
The SYSCONF.SYS_CON2 register controls functional pin use and behavior
8LMI_MODE
LMI pad type
0: SSTL
1: LVTTL
Reset: 0
RW
9
LMI_ENVREF
Reference voltage source
0: internally generated reference voltage
1: external reference voltage from VREF pins
Reset: 0
RW
10
LMI_ECLK_BYPASS
LMI control signal ECLK180 retime bypass
0: ECLK180 flip flop not bypassed
1: ECLK180 flip flop is bypassed
Reset: 0
RW
11
LMI_NOTCOMP25_EN
Enable LMI 2.5 V compensation cell
0: LMI 2.5 V compensation cell enabled
1: LMI 2.5 V compensation cell disabled
Reset: 0
RW
12
LMI_COMP33_EN
Enable LMI 3.3 V compensation cell
0: LMI 2.5 V compensation cell enabled
1: LMI 2.5 V compensation cell disabled
Reset: 0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com