Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 55Page - STMicroelectronics ST40RA150XHA Datasheet HTML 56Page - STMicroelectronics ST40RA150XHA Datasheet HTML 57Page - STMicroelectronics ST40RA150XHA Datasheet HTML 58Page - STMicroelectronics ST40RA150XHA Datasheet HTML 59Page - STMicroelectronics ST40RA150XHA Datasheet HTML 60Page - STMicroelectronics ST40RA150XHA Datasheet HTML 61Page - STMicroelectronics ST40RA150XHA Datasheet HTML 62Page - STMicroelectronics ST40RA150XHA Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
8 Pin description
ST40RA
59/94
STMicroelectronics
ADCS 7260755H
8
Pin description
8.1
Function pin use selection
Full details of the functional pin sharing are found in
Section 8.3: PBGA 27 x 27 ballout on page 61.
8.2
Mode selection
During the power-on reset cycle a range of basic system configurations can be set up with resistive
pull-ups or pull-downs. A detailed description of these selections is found in the relevant chapters of
the
ST40 System Architecture Manual.
See
Section 8.3: PBGA 27 x 27 ballout on page 61 for information on which pins these mode inputs
have been placed on the ST40RA.
Functional pin
group
Pins
Alternate use(s)
High-end interactive
set-top box (with STi5514)
example use
PCI request and
grant
NOTPREQ[0:3]
NOTPGNT[0:3]
NOTPINTA
PIO[14:23]
PCI bus
PCI request and
grant
NOTPREQ[2:3]
NOTPGNT[2:3]
PIO[14:23]
EMPIDREQ[0:1]
EMPIDACK[0:1]
PCI bus
GPDMA
handshake
DACK[0:1]
DREQ[0:1]
DRAQ[0:1]
PIO[8:13]
EMPIDREQ[2:3]
EMPIDACK[2:3]
EMPIDRACK[2:3]
GPDMA
2 x SCIF
SCI2, CTS1
RXD0, RXD1
SCK0, SCK1
TXD0, TXD1
PIO[0:7]
2 x SCIF
Table 33: ST40RA functional pin sharing summary
Mode
pin
Pin name
Architectur
e signal
name
Block
affected
Description
Notes
MODE2:0
EADDR2
EADDR3
EADDR4
MD2:0
CLOCKGEN
Set system clock operating mode
a
MODE4:3
EADDR5
EADDR6
MD4:3
CLOCKGEN
Set PCI clock operating mode
1
MODE5
EADDR7
MD5
CLOCKGEN
Set clock input source
H: Crystal, L: External
Table 34: Mode selection pins for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com