Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 19Page - STMicroelectronics ST40RA150XHA Datasheet HTML 20Page - STMicroelectronics ST40RA150XHA Datasheet HTML 21Page - STMicroelectronics ST40RA150XHA Datasheet HTML 22Page - STMicroelectronics ST40RA150XHA Datasheet HTML 23Page - STMicroelectronics ST40RA150XHA Datasheet HTML 24Page - STMicroelectronics ST40RA150XHA Datasheet HTML 25Page - STMicroelectronics ST40RA150XHA Datasheet HTML 26Page - STMicroelectronics ST40RA150XHA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
5 System configuration
ST40RA
23/94
STMicroelectronics
ADCS 7260755H
5.9
System configuration registers
Table 11 outlines the ST40RA system configuration registers.
Register
Module
Address
offset
Type
Description
EMI.GENCFG
EMI
0x028
R/W
EMI general purpose configuration register, see
Section 5.9.1: EMI.GENCFG EMI general
configuration on page 24
LMI.COC
LMI
0x028
R/W
LMI clock and pad control register, see
Section 5.9.2: LMI.COC on page 25
LMI.CIC
LMI
0x040
RO
LMI clock and pad status, see
Section 5.9.3:
LMI.CIC on page 26
SYS_STAT1
SYSCONF
0x040
RO
Memory bridge status, see
Section 5.9.4.1:
SYSCONF.SYS_STAT1. on page 26
SYSCONF.SYS_CON1
SYSCONF
0x010
R/W
System configuration register, see
Section 5.9.4.2: SYSCONF.SYS_CON1. on
page 27
SYSCONF.SYS_CON2
SYSCONF
0x018
R/W
System configuration register, see
Section 5.9.5:
SYSCONF.SYS_CON2. on page 27
SYSCONF.CNV_STATUS
SYSCONF
0x020
R/W
System configuration register, see
ST40 System
Architecture Manual Volume 4: I/O Devices
SYSCONF.CNV_SET
SYSCONF
0x028
R/W
System configuration register, see
ST40 System
Architecture Manual Volume 4: I/O Devices
SYSCONF.CNV_CLEAR
SYSCONF
0x030
R/W
System configuration register, see
ST40 System
Architecture Manual Volume 4: I/O Devices
SYSCONF.CNV_CONTROL
SYSCONF
0x038
R/W
System configuration register, see
ST40 System
Architecture Manual Volume 4: I/O Devices
Table 11: System configuration registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com