Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 63Page - STMicroelectronics ST40RA150XHA Datasheet HTML 64Page - STMicroelectronics ST40RA150XHA Datasheet HTML 65Page - STMicroelectronics ST40RA150XHA Datasheet HTML 66Page - STMicroelectronics ST40RA150XHA Datasheet HTML 67Page - STMicroelectronics ST40RA150XHA Datasheet HTML 68Page - STMicroelectronics ST40RA150XHA Datasheet HTML 69Page - STMicroelectronics ST40RA150XHA Datasheet HTML 70Page - STMicroelectronics ST40RA150XHA Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
8 Pin description
ST40RA
67/94
STMicroelectronics
ADCS 7260755H
TMUCLK
E15
TCLK
RTC output clock
TMU input clock
C2B
I/O
I/O
LPCLKIN
E12
EXTAL2
RTC crystal resonator input: on VDDRTC supply
-
I
LPCLKOSC
E13
XTAL2
RTC crystal resonator output: on VDDRTC supply
-
O
VDDRTC
E11
VCCRTC
Real-time clock supply
I
CLKIN
E20
CLKIN
System clock input: on VDDCORE supply
-
I
CLKOSC
D20
CLKOSC
Crystal resonator pin: on VDDCORE supply
-
O
AUXCLKOUT
E19
CKIO
Reference 27 MHz clock
output
-O
STATUS0
C14
STATUS0
Processor operating status
-
O
STATUS1
D14
STATUS1
Processor operating status
-
O
AUDATA0
C18
AUDATA0
AUD bus command and data
-
O
AUDATA1
C17
AUDATA1
AUD bus command and data
-
O
AUDATA2
C16
AUDATA2
AUD bus command and data
-
O
AUDATA3
C15
AUDATA3
AUD bus command and data
-
O
AUDSYNC
D15
AUDSYNC
AUD command valid
-
O
AUDCLK
D19
AUDCK
AUD clock output
-
O
NOTASEBRK
E9
NOTASEBRK/
BRKACK
Dedicated emulator pin
C4
I/O
DCLK
D11
DCK
Clock for udi
-
I
TCK
D12
TCK
Test clock
-
I
TMS
D10
TMS
Test mode
-
I
NOTTRST
E7
TRST
Test reset
-
I
TDI
E6
TDI
Test data input
-
I
TDO
E8
TDO
Test data output
-
O
EADDR2
V4
MA2
EMI external address
MODE0
E4
O
I
EADDR3
U4
MA3
EMI external address
MODE1
E4
O
I
EADDR4
V5
MA4
EMI external address
MODE2
E4
O
I
EADDR5
U5
MA5
EMI external address
MODE3
E4
O
I
EADDR6
U6
MA6
EMI external address
MODE4
E4
O
I
EADDR7
T6
MA7
EMI external address
MODE5
E4
O
I
EADDR8
U7
MA8
EMI external address
MODE6
E4
O
I
EADDR9
T7
MA9
EMI external address
MODE7
E4
O
I
EADDR10
U8
MA10
EMI external address
MODE8
E4
O
I
EADDR11
T8
MA11
EMI external address
MODE9
E4
O
I
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com