Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 18Page - STMicroelectronics ST40RA150XHA Datasheet HTML 19Page - STMicroelectronics ST40RA150XHA Datasheet HTML 20Page - STMicroelectronics ST40RA150XHA Datasheet HTML 21Page - STMicroelectronics ST40RA150XHA Datasheet HTML 22Page - STMicroelectronics ST40RA150XHA Datasheet HTML 23Page - STMicroelectronics ST40RA150XHA Datasheet HTML 24Page - STMicroelectronics ST40RA150XHA Datasheet HTML 25Page - STMicroelectronics ST40RA150XHA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
ADCS 7260755H
STMicroelectronics
22/94
ST40RA
5 System configuration
5.8.1
Memory bridge control signals
Each memory bridge has seven control signals as defined in
Table 10.
5.8.2
Memory bridge status
The memory bridge control signals are looped back to the ST40RA comms subsystem SYS_STAT1
register for test purposes. The format of this read-only register is shown in
Section 5.9.4.1:
SYSCONF.SYS_STAT1. on page 26.
5.8.3
Changing control of a memory bridge
At reset all these bridges are set to be synchronous. After reset and boot the function of these
memory bridges can be changed. See
Section 5.9.4: SYSCONF registers on page 26. The
procedure for changing the control of a memory bridge is given below.
1
Ensure no initiators are accessing the subsystem the bridge is connected to and ensure the
subsystem cannot initiate any requests to the SuperHyway.
2
Stop the clock to the subsystem.
3
Change the memory bridge configuration using the SYS_CONF.SYS_CON1 register as
detailed in
Table 10.
4
Restart the clock to the subsystem and reinitialize the system.
Bridge control bit field
Control name
Control function
1:0
MODE[1:0]
00: Sync (bypass) bridge
01: Semisync with no retime registers
10: Semisync with one retime register
11: Async with two retime registers
4:2
LATENCY[2:0]
Sets FIFO latency from 0 to 7 cycles.
5
SW_RESET
0: Software reset inactive
1: Software reset active
6
STROBE
The above control signals are latched in the bridge on the rising
edge of this strobe bit
Table 10: Memory bridge control signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com