Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 28Page - STMicroelectronics ST40RA150XHA Datasheet HTML 29Page - STMicroelectronics ST40RA150XHA Datasheet HTML 30Page - STMicroelectronics ST40RA150XHA Datasheet HTML 31Page - STMicroelectronics ST40RA150XHA Datasheet HTML 32Page - STMicroelectronics ST40RA150XHA Datasheet HTML 33Page - STMicroelectronics ST40RA150XHA Datasheet HTML 34Page - STMicroelectronics ST40RA150XHA Datasheet HTML 35Page - STMicroelectronics ST40RA150XHA Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
ADCS 7260755H
STMicroelectronics
32/94
ST40RA
6 Clock generation
The sources for PCI_SS_CLK and EMI_SS_CLK, can be set using the PCI_SEL and EMI_SEL bits
in the CLOCKGENB.CLK_SELCR register. See
Section 6.6.1: CLOCKGENB.CLK_SELCR register
on page 39.
If CLOCKGEN_A13 is used as PCI_SS_CLK source then the memory bridges 6 and 7 must be
enabled. If CLOCKGEN_A12 is used, then the bridges may be placed in bypass mode. This is the
recommended mode of operation.
If either CLOCKGEN_B12 or CLOCKGEN_A14 are used as the EMI_CLK, the memory bridges 1, 2
and 3 must be enabled. If CLOCKGEN_A12 is used, then the bridges may be placed in bypass.
This is the recommended mode of operation.
See
Chapter 5.8: Memory bridge control on page 21.
Subsystem
Clock domain
Target frequencies
(MHz)
Sourcea
Ratio
CPU core
CPU_CLK
200
166
150
133
CLOCKGEN_A11
1
SuperHyway
STBUS_CLK
-
111
100
88
CLOCKGEN_A12
2/3
100
83
75
67
1/2
Peripherals
PER_CLK
(CPU core PCK)
-
5550
44CLOCKGEN_A13
1/3
50
42
38
33
1/4
PCI bus clock
PCI_BUS_CLK
33
CLOCKGEN_A21
1/16
66
CLOCKGEN_A22
1/8
25.14
CLOCKGEN_A23
1/21
Disabled
CLOCKGEN_A24
-
PCI subsystem
PCI_SS_CLK
-
111
100
88
CLOCKGEN_A12
2/3
100
83
75
67
1/2
-
5550
44CLOCKGEN_A13
1/3
50
42
38
33
1/4
Local memory
interface (LMI)
LMI_CLK
133
111
100
88
CLOCKGEN_A14
2/3
Reserved
CLOCKGEN_B11
1
EMI subsystem
EMI_CLK
50 to 100 MHz
CLOCKGEN_B12
1
-
111
100
88
CLOCKGEN_A12
2/3
100
83
75
67
CLOCKGEN_A14
1/2
Table 13: Clock domains
a. Clock naming: CLOCKGEN_[CLOCKGEN label][PLL number][clock number]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com